Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R35 Datasheet(PDF) 20 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 20 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 16Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 21Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 22Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 24Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
HT95R35
Rev. 1.00
20
October 7, 2009
PE, PF and PG, are first programmed. Selecting which
pins are inputs and which are outputs can be achieved
byte-wide by loading the correct values into the appro-
priate port control register or by programming individual
bits in the port control register using the
²SET [m].i² and
²CLR [m].i² instructions. Note that when using these bit
control instructions, a read-modify-write operation takes
place. The microcontroller must first read in the data on
the entire port, modify it to the required new bit values
and then rewrite this data back to the output ports.
Port A has the additional capability of providing wake-up
functions. When the device is in the Power Down Mode,
various methods are available to wake the device up.
One of these is a high to low transition of any of the Port
A pins. Single or multiple pins on Port A can be setup to
have this function.
Timer/Event Counters
The provision of timers form an important part of any
microcontroller, giving the designer a means of carrying
out time related functions. The device contains three
count-up timers of 16-bit capacity. Timer0 and Timer1
have three different operating modes, they can be con-
figured to operate as a general timer, an external event
counter or as a pulse width measurement device.
Timer2 can be configured as timer mode only.
There are two types of registers related to the
Timer/Event Counters. The first are the registers that
contains the actual value of the Timer/Event Counter
and into which an initial value can be preloaded, and are
known as TMR0L/TMR0H, TMR1L/TMR1H and
TMR2L/TMR2H. Reading these register pairs retrieves
the contents of the Timer/Event Counters. The second
type of associated register are the Timer Control Regis-
ters, which defines the timer options and determines
how the Timer/Event Counters are to be used, and have
the name TMR0C, TMR1C and TMR2C, Timer0 and
Timer1 can have the timer clock configured to come
from the internal clock source or from an external timer
pin. Timer2 can have the timer clock come from internal
system clock only.
Configuring the Timer/Event Counter Input Clock
Source
For Timer/Event Counter 0, the internal timer clock
source can originate from either the system clock/4 or
from an external clock source. For Timer/Event Counter
1, the internal timer clock source can originate from the
32768Hz or from an external clock source.
An external clock source is used when the timer is in the
event counting mode, the clock source being provided
on the external timer pins TMR0 or TMR1. Depending
upon the condition of the T0E or T1E bit, each high to
low, or low to high transition on the external timer pin will
increment the counter by one.
Timer Registers
- TMR0L/TMR0H, TMR1L/TMR1H,
TMR2L/TMR2H
The timer registers are special function register pairs lo-
cated in the Special Purpose Data Memory and is the
place where the 16-bit actual timer value is stored.
These register pairs are known as TMR0L/TMR0H,
TMR1L/TMR1H and TMR2L/TMR2H. The value in the
timer register pair increases by one each time an inter-
nal clock pulse is received or an external transition oc-
curs on the external timer pin. The timer will count from
the initial value loaded by the preload register to the full
count of FFFFH at which point the timer overflows and
an internal interrupt signal is generated. The timer value
will then be reset with the initial preload register value
and continue counting.
To achieve a maximum full range count of FFFFH the
preload register must first be cleared to all zeros. It
should be noted that after power-on, the preload register
will be in an unknown condition. Note that if the
Timer/Event Counter is switched off and data is written
to its preload register, this data will be immediately writ-
ten into the actual timer register. However, if the
Timer/Event Counter is enabled and counting, any new
data written into the preload data register during this pe-
riod will remain in the preload register and will only be
written into the timer register the next time an overflow
occurs.
Reading from and writing to these registers is carried
out in a specific way. It must be noted that when using in-
structions to preload data into the low byte register,
namely TMR0L, TMR1L or TMR2L, the data will only be
placed in a low byte buffer and not directly into the low
byte register. The actual transfer of the data into the low
byte register is only carried out when a write to its asso-
ciated high byte register, namely TMR0H, TMR1H or
TMR2H, is executed. Also, using instructions to preload
data into the high byte timer register will result in the
data being directly written to the high byte register. At
the same time the data in the low byte buffer will be
transferred into its associated low byte register. For this
reason, when preloading data into the 16-bit timer regis-
ters, the low byte should be written first. It must also be
noted that to read the contents of the low byte register, a
read to the high byte register must first be executed to
latch the contents of the low byte buffer from its associ-
ated low byte register. After this has been done, the low
byte register can be read in the normal way. Note that
reading the low byte timer register directly will only result
in reading the previously latched contents of the low
byte buffer and not the actual contents of the low byte
timer register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com