Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R35 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT95R35 Datasheet HTML 1Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 2Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 3Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 4Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 5Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
RPH
Pull-high Resistor
3V
¾
66
200
330
k
W
5V
33
100
166
VIL
I/O Port Input Low Voltage
¾¾
0
¾
0.3VDD
V
VIH
I/O Port Input High Voltage
¾¾
0.7VDD
¾
VDD
V
IOL1
I/O Port Sink Current
3V
VOL= 0.1VDD
34
¾
mA
5V
4
6
¾
IOL2
PC2, PC3 Sink Current
5V
PC2/PC3= 0.5V
2.5
¾¾
mA
IOH1
I/O Port Source Current
3V
VOH= 0.9VDD
-1
-2
¾
mA
5V
-2
-3
¾
IOH2
PC2, PC3 Leakage Current
5V
PC2/PC3= 5V
¾¾
2.5
mA
DTMF Generator (Operating Temperature:
-20°Cto85°C
VTDC
DTMF Output DC Level
¾¾
0.45VDD
¾
0.7VDD
V
VTOL
DTMF Sink Current
¾ VDTMF= 0.5V
0.1
¾¾
mA
DTMF Receiver
RIN
Input Impedance (VP, VN)
5V
¾¾
10
¾
M
W
IOL3
Sink Current (EST)
5V
VOUT= 0.5V
1
2.5
¾
mA
IOH3
Source Current (EST)
5V
VOUT= 4.5V
-0.4
-0.8
¾
mA
Low-voltage Reset
VLVR1
Low Voltage Reset 1
¾ Configuration option= 4.2V
3.98
4.2
4.42
V
VLVR2
Low Voltage Reset 2
¾ Configuration option= 3.15V
2.98
3.15
3.32
V
VLVR3
Low Voltage Reset 3
¾ Configuration option= 2.1V
1.98
2.1
2.22
V
HT95R35
Rev. 1.00
5
October 7, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com