Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R35 Datasheet(PDF) 17 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 13Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 14Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 15Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 16Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 17Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 18Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 19Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 20Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
HT95R35
Rev. 1.00
17
October 7, 2009
The Z, OV, AC and C flags generally reflect the status of
the latest operations.
· C is set if an operation results in a carry during an ad-
dition operation or if a borrow does not take place dur-
ing a subtraction operation; otherwise C is cleared. C
is also affected by a rotate through carry instruction.
· AC is set if an operation results in a carry out of the
low nibbles in addition, or no borrow from the high nib-
ble into the low nibble in subtraction; otherwise AC is
cleared.
· Z is set if the result of an arithmetic or logical operation
is zero; otherwise Z is cleared.
· OV is set if an operation results in a carry into the high-
est-order bit but not a carry out of the highest-order bit,
or vice versa; otherwise OV is cleared.
· PDF is cleared by a system power-up or executing the
²CLR WDT² instruction. PDF is set by executing the
²HALT² instruction.
· TO is cleared by a system power-up or executing the
²CLR WDT² or ²HALT² instruction. TO is set by a
WDT time-out.
In addition, on entering an interrupt sequence or execut-
ing a subroutine call, the status register will not be
pushed onto the stack automatically. If the contents of
the status registers are important and if the subroutine
can corrupt the status register, precautions must be
taken to correctly save it.
Interrupt Control Register
- INTC0, INTC1
These two 8-bit register, known as the INTC0 and
INTC1 registers, control the operation of all interrupts.
By setting various bits within this register using standard
bit manipulation instructions, the enable/disable func-
tion of the external and timer interrupts can be inde-
pendently controlled. A master interrupt bit within this
register, the EMI bit, acts like a global enable/disable
and is used to set all of the interrupt enable bits on or off.
This bit is cleared when an interrupt routine is entered to
disable further interrupt and is set by executing the
²RETI² instruction.
Timer/Event Counter Registers
This device contains three 16-bit Timer/Event Counters,
which have associated register pairs known as TMR0L/
TMR0H, TMR1L/TMR1H and TMR2L/TMR2H. These
are the locations where the timers 16-bit value is lo-
cated. Three associated control registers, known as
TMR0C, TMR1C and TMR2C, contain the setup infor-
mation for these three timers.
Input/Output Ports and Control Registers
Within the area of Special Function Registers, the I/O
registers and their associated control registers play a
prominent role. All I/O ports have a designated register
correspondingly labeled as PA, PC, PD, PE, PF and PG.
These labeled I/O registers are mapped to specific ad-
dresses within the Data Memory as shown in the Data
Memory table, which are used to transfer the appropri-
ate output or input data on that port. With each I/O port
there is an associated control register labeled PAC,
PCC, PDC, PEC, PFC and PGC, also mapped to spe-
cific addresses with the Data Memory. Except PC2 and
PC3, the control register specifies which pins of that port
are set as inputs and which are set as outputs. PC2 or
PC3 is NMOS output, so the corresponding bit of the
control register is not implemented. To setup a pin as an
input, the corresponding bit of the control register must
be set high, for an output it must be set low. During pro-
gram initialization, it is important to first setup the control
registers to specify which pins are outputs and which
are inputs before reading data from or writing data to the
I/O ports. One flexible feature of these registers is the
ability to directly program single bits using the
²SET
[m].i
² and ²CLR [m].i² instructions. The ability to change
I/O pins from output to input and vice versa by manipu-
lating specific bits of the I/O control registers during nor-
mal program operation is a useful feature of these
devices.
DTMF Registers
- DTMFC, DTMFD, DTRXC, DTRXD
The device contains fully integrated DTMF receiver and
generator circuitry for decoding and generation of DTMF
signals. The DTMF receiver requires two registers to
control its operation, a DTRXC control register to control
its overall function and a DTRXD register to store the
DTMF decoded signal data. The DTMF generator also
requires two registers for its operation, a DTMFC register
for its overall control and DTMFD register to store the dig-
ital codes that are to be generated as DMTF signals.
Mode Register
- MODE, MODE_1
The device supports two system clock and four operation
modes. The system clock could be 32768Hz or HCLK
and operation mode could be Normal, Green, Sleep or
Idle mode. These are all selected by the software.
MODE_1 register supports four high frequency clock
(HCLK) for CPU which are 3.58MHz, 7.16MHz,
10.74MHz and 14.32 MHz.
MFIC Register
- MFIC0
PC0, PC5 and PC7 could be used to trigger an extra in-
terrupt. They are enabled or disabled individually by
bit0~bit2 of MFIC0. When a multi-function interrupt oc-
curs, the programmer should check bit4~bit6 of MFIC0
to determine the cause of the interrupt.
MFIC1 Register
- MFIC1
SPI/I
2C interrupt, external peripheral interrupt, timer 2
interrupt are three additional multi-function interrupts.
They are enabled or disabled individually by bit0~2 of
MFIC1. When a multi-function interrupt occurs, the pro-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com