Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R35 Datasheet(PDF) 44 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 44 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 40Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 41Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 42Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 43Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 44Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 45Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 46Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 47Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 48Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
HT95R35
Rev. 1.00
44
October 7, 2009
Register
Reset (Power-on)
RES or LVR Reset
(Normal/Green)
RES or LVR Reset
(Sleep/Idle)
WDT Time-out
(Normal/Green)
WDT Time-out
(Sleep/Idle)
DTRXC
---- - 001
---- - 001
---- - 001
---- - 001
---- - uuu
DTRXD
---- 0000
---- 0000
---- 0000
---- 0000
---- uuuu
RTCC
0
- 0 - ----
u
- u - ----
u
- u - ----
u
- u - ----
u
- u - ----
MODE
000
- ----
00u
- ----
00u
- ----
00u
- ----
00u
- ----
MODE_1
---- -- 00
---- -- 00
---- -- 00
---- -- 00
---- -- 00
MFIC0
- 000 - 000
- 000 - 000
- 000 - 000
- 000 - 000
- uuu - uuu
MFIC1
- 000 - 000
- 000 - 000
- 000 - 000
- 000 - 000
- uuu - uuu
PFDC
0000
----
0000
----
0000
----
0000
----
uuuu
----
PFDD
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
SIMCTL0
1110 000
-
1110 000
-
1110 000
-
1110 000
-
uuuu uuuu
SIMCTL1
1000 0001
1000 0001
1000 0001
1000 0001
uuuu uuuu
SIMDR
xxxx xxxx
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
SIMAR/
SIMCTL2
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
VOICEC
---- --- 0
---- --- 0
---- --- 0
---- --- 0
---- --- u
VOL
xxx
- ----
uuu
- ----
uuu
- ----
uuu
- ----
uuu
- ----
DAL
xxxx
----
uuuu
----
uuuu
----
uuuu
----
uuuu
----
DAH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
Note:
²u² stands for unchanged
²x² stands for unknown
²-² stands for unimplemented
Oscillator
There are two oscillator circuits within the controller.
One is for the system clock which uses an externally
connected 32768Hz crystal. The other is an internal
watchdog oscillator.
System Crystal/Ceramic Oscillator
The system clock is generated using an external
32768Hz crystal or ceramic resonator connected be-
tween pins X1 and X2. From this clock source an inter-
nal circuit generates a 14.32MHz clock source which is
also required by the system. This frequency generator
circuit requires the addition of externally connected RC
components to pin XC to form a low pass filter for the
14.32MHz output frequency stabilisation.
Watchdog Timer Oscillator
The WDT oscillator is a fully integrated free running RC
oscillator with a typical period of 65
ms at 5V, requiring no
external components. It is selected via configuration op-
tion. If selected, when the device enters the Power Down
Mode, the system clock will stop running, however the
WDT oscillator will continue to run and keep the watch-
dog function active. However, as the WDT will consume a
certain amount of power when in the Power Down Mode,
for low power applications, it may be desirable to disable
the WDT oscillator by configuration option.
X 1
X 2
X C
1 5 k W
3 n F
4 7 n F
Crystal/Ceramic Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com