Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R35 Datasheet(PDF) 52 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 52 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 48Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 49Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 50Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 51Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 52Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 53Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 54Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 55Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 56Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
HT95R35
Rev. 1.00
52
October 7, 2009
DTMF Data Output Table
Low Group (Hz)
High Group (Hz)
Digit
D3, D2, D1, D0
697
1209
1
0001
697
1336
2
0010
697
1477
3
0011
770
1209
4
0100
770
1336
5
0101
770
1477
6
0110
852
1209
7
0111
852
1336
8
1000
852
1477
9
1001
941
1336
0
1010
941
1209
*
1011
941
1477
#
1100
697
(Note*)
1633
A
1101
770
(Note*)
1633
B
1110
842
(Note*)
1633
C
1111
941
(Note*)
1633
D
0000
(Note*): Available only when R_INH=0
Steering Control Circuit
The steering control circuit is used to measure the effective signal duration and for protecting against a valid signal drop
out. This is achieved using an analog delay which is implemented using an external RC time-constant, controlled by the
output line EST.
The timing diagram shows more details. The EST pin is normally low and will pull the RT/GT pin low via the external RC
network. When a valid tone input is detected, the EST pin will go high, which will in turn pull the RT/GT pin high through
the RC network.
When the voltage on RT/GT rises from 0 to VTRT, which is 2.35V for a 5V power supply, the input signal is effective, and
the corresponding code will be generated by the code detector. After D0~D3 have been latched, DV will go high. When
the voltage on RT/GT falls from VDD to VTRT, i.e. when there is no input tone, the DV output will go low, and D0~D3 will
maintain their present data until a next valid tone input is produced. By selecting suitable external RC values, the mini-
mum acceptable input tone duration, tACC, and the minimum acceptable inter-tone rejection, tIR, can be set. The values
of the external RC components, can be chosen using the following formula.
tACC=tDP+tGTP;
tIR=tDA+tGTA;
Where
tACC: Tone duration acceptable time
tDP: EST output delay time (
²L²®²H²)
tGTP: Tone present time
tIR: Inter-digit pause rejection time
tDA: EST outptu delay time (
²H²®²L²)
tGTA: Tone absent time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com