Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT95R35 Datasheet(PDF) 33 Page - Holtek Semiconductor Inc

Part # HT95R35
Description  Phone 8-Bit MCU with DTMF Receiver
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R35 Datasheet(HTML) 33 Page - Holtek Semiconductor Inc

Back Button HT95R35 Datasheet HTML 29Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 31Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 32Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 33Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 34Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 35Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 36Page - Holtek Semiconductor Inc HT95R35 Datasheet HTML 37Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 73 page
background image
HT95R35
Rev. 1.00
33
October 7, 2009
¨ SIMIDLE
The SIMIDLE bit is used to select if the I
2C interface
continues running when the device is in the IDLE
mode. Setting the bit high allows the I
2C interface to
maintain operation when the device is in the Idle
mode. Clearing the bit to zero disables any I
2Cop-
erations when in the Idle mode.
This SPI/I
2C idle mode control bit is located at
CLKMOD register bit4.
¨ SIMEN
The SIMEN bit is the overall on/off control for the I
2C
interface. When the SIMEN bit is cleared to zero to
disable the I
2C interface, the SDA and SCL lines will
be in a floating condition and the I
2C operating cur-
rent will be reduced to a minimum value. In this con-
dition the pins can be used as SEG functions. When
the bit is high the I
2C interface is enabled. The SIM
configuration option must have first enabled the SIM
interface for this bit to be effective. Note that when
the SIMENbit changes from low to high the contents
of the I
2C control registers will be in an unknown
condition and should therefore be first initialised by
the application program
¨ SIM0~SIM2
These bits setup the overall operating mode of the
SIM function. To select the I
2C function, bits SIM2~
SIM0 should be set to the value 110.
¨ RXAK
The RXAK flag is the receive acknowledge flag.
When the RXAK bit has been reset to zero it means
that a correct acknowledge signal has been re-
ceived at the 9th clock, after 8 bits of data have
been transmitted. When in the transmit mode, the
transmitter checks the RXAK bit to determine if the
receiver wishes to receive the next byte. The trans-
mitter will therefore continue sending out data until
the RXAK bit is set high. When this occurs, the
transmitter will release the SDA line to allow the
master to send a STOP signal to release the bus.
¨ SRW
The SRW bit is the Slave Read/Write bit. This bit de-
termines whether the master device wishes to
transmit or receive data from the I
2C bus. When the
transmitted address and slave address match, that
is when the HAAS bit is set high, the device will
check the SRW bit to determine whether it should
be in transmit mode or receive mode. If the SRW bit
is high, the master is requesting to read data from
the bus, so the device should be in transmit mode.
When the SRW bit is zero, the master will write data
to the bus, therefore the device should be in receive
mode to read this data.
¨ TXAK
The TXAK flag is the transmit acknowledge flag. Af-
ter the receipt of 8-bits of data, this bit will be trans-
mitted to the bus on the 9th clock. To continue
receiving more data, this bit has to be reset to zero
before further data is received.
¨ HTX
The HTX flag is the transmit/receive mode bit. This
flag should be set high to set the transmit mode and
low for the receive mode.
¨ HBB
The HBB flag is the I
2C busy flag. This flag will be
high when the I
2C bus is busy which will occur when
a START signal is detected. The flag will be reset to
zero when the bus is free which will occur when a
STOP signal is detected.
¨ HASS
The HASS flag is the address match flag. This flag
is used to determine if the slave device address is
the same as the master transmit address. If the ad-
dresses match then this bit will be high, if there is no
match then the flag will be low.
¨ HCF
The HCF flag is the data transfer flag. This flag will
be zero when data is being transferred. Upon com-
pletion of an 8-bit data transfer the flag will go high
and an interrupt will be generated.
I 2 C D a t a R e g i s t e r
( S I M D R )
S l a v e A d d r e s s R e g i s t e r
( S I M A R )
S h i f t R e g i s t e r
D i r e c t i o n C o n t r o l
M
U
X
A d d r e s s M a t c h
H A A S B i t
I 2 C I n t e r r u p t
D a t a i n L S B
D a t a O u t M S B
T r a n s m i t / R e c e i v e
C o n t r o l U n i t
8 - b i t D a t a C o m p l e t e
D e t e c t S t a r t o r S t o p
D a t a B u s
A d d r e s s
C o m p a r a t o r
E n a b l e / D i s a b l e A c k n o w l e d g e
R e a d / w r i t e S l a v e
S R W B i t
H B B B i t
H T X B i t
S C L P i n
S D A P i n
H C F B i t
I
2C Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com