Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8118 Datasheet(PDF) 7 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 7 Page - ams AG

Back Button AS8118 Datasheet HTML 3Page - ams AG AS8118 Datasheet HTML 4Page - ams AG AS8118 Datasheet HTML 5Page - ams AG AS8118 Datasheet HTML 6Page - ams AG AS8118 Datasheet HTML 7Page - ams AG AS8118 Datasheet HTML 8Page - ams AG AS8118 Datasheet HTML 9Page - ams AG AS8118 Datasheet HTML 10Page - ams AG AS8118 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 7 of 30
Digital Filters
The current and voltage channels have been identically implemented with digital high pass filters in both channels, thus
eliminating offsets.
The filters ensure that there are no phase errors introduced between the voltage and current channels, enabling single point
calibration.
Energy to Pulse Output Conversion
The energy value is accumulated in the energy accumulator and compared with the default or programmed threshold level,
following each sample. The threshold represents the pulse equivalent energy value. If the energy value goes above the
threshold, a pulse is generated and presented to the output. Each time a pulse is generated the threshold value is subtracted
from the contents of the energy accumulator.
The remaining energy, namely the energy value above the threshold value is retained in the accumulator. Further measured
energy is added to the retained value in the accumulator and a pulse is again generated and presented to the output, when
the value again exceeds the threshold value. Thus no energy is lost during the energy to pulse output conversion process.
The voltage and current signals are sampled at 1.7478kHz. The sample rate is derived from the main clock (FMCLK) as
follows:
3.57945 MHz / 8*256 =
1.7478 kHz
The number of measured harmonics is defined by the sample rates of the voltage and current input signals. The maximum
bandwidth, which is half the sample frequency, is calculated as follows:
1.7478/2 kHz =
873.9 Hz
Thus, depending on the mains frequency, the measured energy is up to the following harmonics:
50Hz mains = 17th harmonic
60Hz mains = 14th harmonic
Energy Pulse Outputs
The AS8118 has three different pulse outputs. All the outputs are derived directly from the measured energy; thus, the
outputs can be used for energy accumulation and for calibration purposes. The output options include the following:
-
CAL: A higher pulse rate output for fast calibration
-
MOP/MON: Low pulse rate outputs for directly driving a stepper motor
-
LED: A low pulse rate output which may be used to directly drive a LED for displaying power consumption
Calibration Pulse Output (CAL):
The CAL output is a high frequency output, the frequency of which is proportional to the real
power measured.
The output pulse rate is programmable via the on-chip memory and allows for 4 pulse rate options:
Parameter: F_cal_sel
Setting
CAL Output Pulse Rate
00
MON/MOP x 8
01
MON/MOP x 16
10
MON/MOP x 32
11
MON/MOP x 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com