Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8118 Datasheet(PDF) 25 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 25 Page - ams AG

Back Button AS8118 Datasheet HTML 21Page - ams AG AS8118 Datasheet HTML 22Page - ams AG AS8118 Datasheet HTML 23Page - ams AG AS8118 Datasheet HTML 24Page - ams AG AS8118 Datasheet HTML 25Page - ams AG AS8118 Datasheet HTML 26Page - ams AG AS8118 Datasheet HTML 27Page - ams AG AS8118 Datasheet HTML 28Page - ams AG AS8118 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 25 of 30
Electrical Characteristics
Absolute Maximum Ratings *
Parameter
Symbol
Min
Max
Unit
Note
DC Supply Voltage
VDD
-0.3
7.0
V
Input Pin Voltage
Vin
-0.3
VDD + 0.3
V
Input Current on any Pin
Iin
-100
+100
mA
25°C
Storage Temperature
Tstrg
-65
+150
°C
Humidity Noncondensing
H
5
85
%
Electrostatic Discharge
1000
V
1)
Lead Temperature
°C
2)
1) MIL STD883 method 3015.7 ‘Human Body Model‘ (R = 1.5k
Ω; C = 100pF)
2) IEC61760-1, soldering conditions
* Stresses above those listed may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability (eq. hot carrier degradation).
Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Positive Analog Supply Voltage
AVDD
4.5
5.0
5.5
V
Referred to AVSS
Typical ±10%
Negative Analog Supply Voltage
AVSS
0
V
Difference of Supply
A - D
-0.1
0.1
V
AVDD – DVDD
AVSS – DVSS
Positive Digital Supply Voltage
DVDD
4.5
5.0
5.5
V
Referred to DVSS
Typical ±10%
Negative Digital Supply Voltage
DVSS
0
V
Supply Current
Isupp
4
mA
Ambient Temperature
Tamb
-40
25
85
°C
Measured Frequency
fmeas
45
65
Hz
System Clock Frequency
fclk
3.56 3.58 3.60
MHz Variations result in gain errors
which are calibrated out
Measurement Bandwidth
BW
870
Hz
PROM Zener Voltage Unburned
ZVUB
2.4
V
Measured during analog
readout
PROM Zener Voltage Burned
ZVB
0.5
V
Measured during analog
readout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com