Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8118 Datasheet(PDF) 2 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 2 Page - ams AG

  AS8118 Datasheet HTML 1Page - ams AG AS8118 Datasheet HTML 2Page - ams AG AS8118 Datasheet HTML 3Page - ams AG AS8118 Datasheet HTML 4Page - ams AG AS8118 Datasheet HTML 5Page - ams AG AS8118 Datasheet HTML 6Page - ams AG AS8118 Datasheet HTML 7Page - ams AG AS8118 Datasheet HTML 8Page - ams AG AS8118 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 2 of 30
Typical Connection Circuit
VSS
Voltage
Regulator
VDD (5V)
VSS
L
N
Load
Shunt
VDDA VDDD
IP
VSSA VSSD
IN
VN
VP
XIN
XOUT
Calibration
Pulse Output
Calibration
Programming
VDD (5V)
PROG
TM
LED
CAL
DIRI
DIRO
MOP
Stepper Motor
Outputs
MON
LED Output
Figure 2
Typical connection circuit for the AS8118
Pin Configuration
1
8
7
6
5
4
3
2
15
14
13
12
11
16
10
9
IN
18
17
VP
VN
TM
VSSA
PROG
VSSD
DIRO
CAL
MOP
VDDD
XOUT
XIN
VDDA
DIRI
IP
MON
LED
Figure 3
Pin configuration of the AS8118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com