Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8118 Datasheet(PDF) 8 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 8 Page - ams AG

Back Button AS8118 Datasheet HTML 4Page - ams AG AS8118 Datasheet HTML 5Page - ams AG AS8118 Datasheet HTML 6Page - ams AG AS8118 Datasheet HTML 7Page - ams AG AS8118 Datasheet HTML 8Page - ams AG AS8118 Datasheet HTML 9Page - ams AG AS8118 Datasheet HTML 10Page - ams AG AS8118 Datasheet HTML 11Page - ams AG AS8118 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 8 of 30
The default pulse rate of CAL is MON/MOP x 16. The default pulse rate is the pulse rate available at the output, without any
programming required to the AS8118.
(Note: As the default pulse rate of MON/MOP is 400 imp/kWh, the actual CAL default pulse rate is 400 x 16 = 6,400
imp/kWh)
As an example, the maximum selectable pulse rate of CAL is 64 * 800 = 51,200 imp/kWh (See MON/MOP below)
The CAL pulse width is fixed at 1ms and is shown in the Timing Diagram and Timing Parameters that follow.
Stepper Motor Drive Outputs (MON & MOP):
The MON and MOP outputs may be used to directly drive an electromechanical
counter or a stepper motor counter. The output frequencies are proportional to the real power measured. The required format
of the signal for driving a mechanical counter, activated by a 2-phase stepper motor is provided by the difference between
the MON and MOP outputs.
The output pulse rate is programmable via the on-chip memory, with 4 pulse rate options being available:
Parameter: F_mon_sel
Setting
MON/MOP Output Pulse Rate
00
100 imp/kWh
01
200 imp/kWh
10
400 imp/kWh
11
800 imp/kWh
The default MON/MOP pulse rate is set at 400 imp/kWh. The default pulse rate is the pulse rate available at the output,
without any programming required to the AS8118.
The MON and MOP outputs shown in Figure 4 are capable of driving 10mA at VOH = 4.0V and VOL = 0.4V.
The widths of the MON/MOP pulses are 200ms for all settings up to 800imp/kWh. Above 800imp/kWh, the MON/MOP pulse
widths maintain a constant 50% duty cycle and is shown in the Timing Diagram and Timing Parameters that follows.
LED Driver Pulse Output (LED):
The LED output is a low frequency output, the frequency of which is proportional to the real
power measured. The pulse rate is programmable via the on-chip memory the selected pulse rate is independent of the
settings of both the selected CAL and the MON/MOP settings.
Parameter: F_led_sel
Setting
LED Output Pulse Rate
000
100 imp/kWh
001
200 imp/kWh
010
400 imp/kWh
011
800 imp/kWh
100
1600 imp/kWh
101
3200 imp/kWh
110
6400 imp/kWh
The default LED pulse rate is set at 3200 imp/kWh. The default frequency is the frequency available at the output, without
any programming required to the AS8118.
The LED output is capable of driving 10mA at VOH = 4.0V and VOL = 0.4V.
The width of the LED pulse is 80 ms for all settings except where the LED stream is shorter than 160ms. In this case, a 50%
duty cycle is maintained. The format of the LED signal is shown in the Timing Diagram and Timing Parameters below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com