Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8118 Datasheet(PDF) 5 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 5 Page - ams AG

  AS8118 Datasheet HTML 1Page - ams AG AS8118 Datasheet HTML 2Page - ams AG AS8118 Datasheet HTML 3Page - ams AG AS8118 Datasheet HTML 4Page - ams AG AS8118 Datasheet HTML 5Page - ams AG AS8118 Datasheet HTML 6Page - ams AG AS8118 Datasheet HTML 7Page - ams AG AS8118 Datasheet HTML 8Page - ams AG AS8118 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 5 of 30
-0 , 8
-0 , 6
-0 , 4
-0 , 2
0
0, 2
0, 4
0, 6
0, 8
F [ H z )
4 5
50
55
65
60
Graph 7: Error as a % of reading with mains frequency variation
Functional Description
The AS8118 is a CMOS mixed signal integrated circuit that measures electrical power over a dynamic range of 600:1, to an
accuracy of better than 0.1%.
The AS8118 comprises of standard functional blocks including two sigma/delta modulators, which convert the analog voltage
and current input signals into digital signals. The voltage and current signals are then digitally filtered, which eliminates
offsets thus enabling a single point calibration cycle. A power calculation block calculates the active energy value. An on-chip
voltage reference (
±30ppm/K typical), oscillator and non-volatile calibration registers and control block for programming the
AS8118 completes the core functional elements.
Programming of the AS8118 enables the device to be configured to suite the users specific input and output requirements
and allows for fast and efficient calibration. The AS8118 device provides the user with two complete opportunities to
programme the device. The following parameters may be programmed via the on-chip non-volatile memory:
-
Current channel input gain
-
Calibration pulse output frequency
-
Stepper motor output drive frequency
-
LED output frequency
-
Anti-creep threshold
-
Calibration constant
A detailed description of the versatility of the AS8118 is given below.
Current Inputs for Energy Calculation
The current channel input consisting of inputs IP and IN is differential and connected to a low resistance shunt or current
transformer, in series with the load. The current input signal level may be programmed by means of an on-chip
programmable gain amplifier (PGA). The gain is selected through the programming of 2 bits in the on-chip memory as
follows:
Parameter: Gain
Setting
Voltage
Gain
Input Voltage
Comments
1 1
20
-30mVpeak
≤VIP≤30mVpeak
Shunt mode
1 0
0 1
16
-38mVpeak
≤VIP≤38mVpeak
CT mode
0 0
4
-150mVpeak
≤VIP≤150mVpeak
CT mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com