Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8118 Datasheet(PDF) 16 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 16 Page - ams AG

Back Button AS8118 Datasheet HTML 12Page - ams AG AS8118 Datasheet HTML 13Page - ams AG AS8118 Datasheet HTML 14Page - ams AG AS8118 Datasheet HTML 15Page - ams AG AS8118 Datasheet HTML 16Page - ams AG AS8118 Datasheet HTML 17Page - ams AG AS8118 Datasheet HTML 18Page - ams AG AS8118 Datasheet HTML 19Page - ams AG AS8118 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 16 of 30
A logical flow of the described calculations, is shown below:
System Properties
Vmains
Imax
Calibration Setup
Ical
tc
System Nonidealities
ideal Pulse_lev
Number of pulses to
expect (ideal), Ni
Pulse Counting
real number of
pulses, Nr
Correction
Ni
Nr
ideal
Pulselev
lev
Pulse
*
)
(
_
=
Example
Calibrate a meter with Vmains = 230V, Imax = 40A and Ical = 10A. Calibration time is 20 seconds, the PROM settings for the
pulse rates are: Fmon: 200 imp/kWh, Fcal: 64
217962
435924
40
20
230
230
=
=
*
A
A
*
V
V
)
ideal
(
lev
_
Pulse
The ideal number of pulses during 20 seconds of calibration is:
imp
imp
.
*
A
*
V
*
s
*
*
kWh
/
imp
Ni
164
56
163
1000
3600
10
230
20
64
200
≈
=
=
Thus 164 pulses are expected during the 20 seconds calibration time. (For this example it is not important what error is
introduced with this setting!).
Assuming that 170 pulses were actually counted. The real pulse level may then be calculated:
225936
2
225936
164
170
217962
≈
=
=
.
*
)
real
(
lev
_
Pulse
This pulse level must then be written to the PROM so that Nr equals Ni.
Comparison Method
Most common, is the comparison of energy reading of the meter under test against a standard or reference meter. Normally,
the standard, or reference meter has a considerably higher pulse rate than the meter under calibration. In this case, the
absolute calibration time is not important for the calculations. The basic calibration setup is shown below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com