Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8118 Datasheet(PDF) 14 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 14 Page - ams AG

Back Button AS8118 Datasheet HTML 10Page - ams AG AS8118 Datasheet HTML 11Page - ams AG AS8118 Datasheet HTML 12Page - ams AG AS8118 Datasheet HTML 13Page - ams AG AS8118 Datasheet HTML 14Page - ams AG AS8118 Datasheet HTML 15Page - ams AG AS8118 Datasheet HTML 16Page - ams AG AS8118 Datasheet HTML 17Page - ams AG AS8118 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 14 of 30
Parameter
Description
Number
of bits
Register bits
Settings
Default
F_led_sel
Select LED pulse
rate [imp/kWh]
3
[26:24]
[59:57]
000 : 100
001 : 200
010 : 400
011 : 800
100 : 1600
101 : 3200
110 : 6400
101
Pulse_lev
Central pulse_level
value
22
[23:2]
[56:35]
0x6A6D4
Bank01
Select PROM bank
0 or 1
1[1]
0 : Bank 0
1 : Bank 1
0
Sel_def
Select default or
programmed values
1[0]
0 : default
1 : programmed
Value
0
Not used
2
[69:68]
00
Total
70
The “Default” values are hard coded on-chip outside the PROM block. Only once the Sel_def bit has been set, are the PROM
parameters selected by the AS8118.
Two PROM banks are defined as ‘Bank 0’ and ‘Bank 1’. This feature allows for a complete reprogramming cycle if necessary.
The required bank is selected with the bit called Bank01.
The calibration of the AS8118 adjusts the specific pulse-level (Pulse_lev), which defines exactly the energy level when a
pulse has to be generated and presented to the output. This pulse-level is used to define a very fast internal pulse rate from
which the external pulse outputs are derived. Therefore, the AS8118 is extremely flexible in defining pulse output rates as
required for a specified kWh meter.
The parameters F_mon_sel, F_cal_sel and F_led_sel are used to define the pulse rates for the pins MOP/MON, CAL and
LED.
The Acreep_sel bit defines the threshold for the current for when no pulses should be transmitted.
Calculations for Calibration
This paragraph describes how to successfully calibrate the AS8118 device. The parameter Pulse_lev is the main parameter
to determine the basic internal (very fast) frequency. This frequency relates to the measured power and is the basis from
which all the output pulse rates namely, MOP/MON, CAL and LED are derived.
Prior to system calibration, the appropriate value for the parameter Pulse_lev must be calculated to produce the required
output pulse rates for MOP/MON, CAL and LED. The calibration exercise must accommodate all system non-idealities that
are present in the meter system.
There are two calibration methods available to find the appropriate value of Pulse_lev, namely:
-
Defined current and calibration time method
-
Comparison method
It is also possible to perform:
-
Calibration without on-chip programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com