Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8118 Datasheet(PDF) 19 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 19 Page - ams AG

Back Button AS8118 Datasheet HTML 15Page - ams AG AS8118 Datasheet HTML 16Page - ams AG AS8118 Datasheet HTML 17Page - ams AG AS8118 Datasheet HTML 18Page - ams AG AS8118 Datasheet HTML 19Page - ams AG AS8118 Datasheet HTML 20Page - ams AG AS8118 Datasheet HTML 21Page - ams AG AS8118 Datasheet HTML 22Page - ams AG AS8118 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 19 of 30
Testwrite
Testwrite means that the word to be programmed is simply written to an on-chip shift register so that the resulting behavior of
the AS8118 device may be examined. Once the PROM word is confirmed correct, it may be burned into the device. i.e.
Irreversibly written to the AS8118.
Until the data has been burned into the device, in other words, if only a Testwrite procedure has been performed, the data
will be lost when the supply is removed from the AS8118 device.
Due to the respective on-chip processing it is required to testwrite the inverse of the word to be programmed. Continuing with
the above example the word defined in the example should be as follows:
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
1
1
1
1
111
1111
1111
1111
50
…
34
333231
30292827
26252423
22212019
1
…
1
110
1101
0101
1100
18
17
16
15
14
13
12
11
10
98
7654
3210
1
0
1
0
110
0100
1010
1110
The Testwrite procedure is carried out as described in the following timing diagram:
TM
DIRO
PROG
69
68
67
4
3
0
1
2
Startup
define
testwrite
mode
xH
x
L
H
f1
t2
t3
Imax:
500
µA
start
testwrite
(DIRO=0)
High
Low
High
Low
3V-3.5V
0V
H
H
L
Note: High and Low refers to VDD and VSS respectively.
On the first falling TM edge the mode (Testwrite) is defined. On the next rising TM edge the procedure is started. Afterwards
70 clocks have to be sent to DIRO. As can be seen the logic level on PROG prior to the positive DIRO edges defines the
state to be shifted into the internal register.
Important timing parameters are:
f1: Maximum frequency, must not exceed 50kHz
t2: Data setup time, minimum is 100ns
t3: Data storage time: the programmed bit is stored after approximately 20ns
Burn
The Burn procedure irreversibly writes data to the PROM. To do this, the 1s in the original word to be programmed must be
burned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com