Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8118 Datasheet(PDF) 20 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 20 Page - ams AG

Back Button AS8118 Datasheet HTML 16Page - ams AG AS8118 Datasheet HTML 17Page - ams AG AS8118 Datasheet HTML 18Page - ams AG AS8118 Datasheet HTML 19Page - ams AG AS8118 Datasheet HTML 20Page - ams AG AS8118 Datasheet HTML 21Page - ams AG AS8118 Datasheet HTML 22Page - ams AG AS8118 Datasheet HTML 23Page - ams AG AS8118 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 20 of 30
Continuing with the above example, the defined word to be burned will be as follows:
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
0
0
0
0000
0000
0000
0000
50
…
34333231
30292827
26252423
22212019
0
…
0001
0010
1010
0011
18
17
16
15
14
13
12
11
10
98
7654
3210
0
1
0
1001
1011
0101
0001
The following timing diagram shows how the burn procedure is carried out:
TM
DIRO
PROG
69
68
67
4
0
1
2
Startup
define
burn
mode
xL
L
x
L
f1
t2
t3
start
burn
(DIRO=1)
High
Low
High
Low
Vburn
0V
LH
t1
3
H
Note: High and Low refers to VDD and VSS respectively.
The first falling and rising edges on TM define the burn mode and starts it (as can be seen DIRO must be set to logic ‘high’ at
the falling edge, but must be low at the rising edge). Then the first PROM cell is selected. After each rising clock edge on
DIRO the next PROM cell is selected going from MSB to LSB. While one of the PROM cells is selected a defined (low-active)
pulse on TM must be applied to “burn” the respective PROM cell, i.e. write a permanent logic-1 to it.
Important specifications are:
Tburn: Temperature during burn cycle: 25°C
± 10°C
Vburn: 7.50
± 0.25V (at the AS8118 PROG pin)
f1: Maximum DIRO clock frequency is 100kHz
t1: The burn pulse must have a delay of at least 1µs after the previous positive DIRO clock edge
t2: After one burn pulse there must be a delay of at least 1µs before the next PROM cell is selected
t3: The burn pulse width is defined to be 1.0
± 0.2µs. The rise and fall time of the burn pulses on TM must be less than 50ns.
After a burn cycle has been completed, a read cycle must be initiated so that the actual data is loaded. (After “burn” the data
in the internal register is inverted!)
Read
The conditions for ‘burn’ are specified very tightly. In order to be certain that the ‘burn’ process was successful this process
has to be verified. There are 2 modes of readout, a digital readout and analog readout.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com