Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8118 Datasheet(PDF) 6 Page - ams AG

Part # AS8118
Description  Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8118 Datasheet(HTML) 6 Page - ams AG

Back Button AS8118 Datasheet HTML 2Page - ams AG AS8118 Datasheet HTML 3Page - ams AG AS8118 Datasheet HTML 4Page - ams AG AS8118 Datasheet HTML 5Page - ams AG AS8118 Datasheet HTML 6Page - ams AG AS8118 Datasheet HTML 7Page - ams AG AS8118 Datasheet HTML 8Page - ams AG AS8118 Datasheet HTML 9Page - ams AG AS8118 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Data Sheet AS8118
Revision 1.8, 15-Feb-05
Page 6 of 30
For optimum operating conditions, the input signal at the Maximum Current (IMAX) condition should be set at
±30mV peak,
when the input Gain = 20, or
±150mV peak, when the input Gain = 4.
The default gain, namely the AS8118 setting which is available without any programming required, is Gain = 20.
The value of an ideal shunt resistor, may be calculated as follows:
Assuming an IMAX rating of 60A (rms)
→ 84.85A (peak), then a shunt value of 350µΩ would be suitable.
Ω
=
=
µ
350
85
84
30
peak
peak
shunt
A
.
mV
R
The mains current is sampled at 1.7478kHz, assuming that the recommended crystal oscillator frequency of 3.5795MHz, is
used.
Voltage Input for Energy Calculation
The voltage channel input consists of inputs VP and VN, which are is differential, with VP connected to the tap of a resistor
divider circuit of the line voltage and VN connected to Ground. For optimum operating conditions, the input signal at VP with
respect to VN, should be set at 150mV peak for the rated line voltage condition.
The maximum voltage on VP for the specified operation is 210mV with respect to VSS. The maximum allowed voltage signal
at VP, which ensures that pulses are still provided at the output, is 300mV with respect to VSS. Both VP and VN have
internal ESD protection and an over-voltage of
±7V can be sustained on these pins without risk of permanent damage to the
device.
The resistor values for an ideal voltage divider, may be calculated as follows:
Assuming a Vmains of 230V (rms)
→ 325V (peak) and according to the voltage divider shown below, the value for
R2 = 820
Ω, the value of R1A+R1B may be calculated as follows:
V
mains
R1A+R1B
R2
V
in
Ω
=
−
Ω
=
−
=
+
M
.
mV
mV
V
*
V
)
V
V
(
*
R
B
R
A
R
max
IP
max
IP
)
peak
(
mains
77
1
150
150
325
820
2
1
1
The mains voltage is sampled at 1.7478kHz, assuming that the recommended crystal oscillator frequency of 3.5795MHz is
used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com