Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GCF133 Datasheet(PDF) 32 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 32 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 28Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 29Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 30Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 31Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 32Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 33Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 34Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 35Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 36Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
32
Note: 1) The sender shall be tested while driving an 18 inch long, 80 conductor cable with PVC insulation
material. The signal under test shall be cut at a test point so that it has not trace, cable or recipient
loading after the test point. All other signals should remain connected through to the recipient. The test
point may be located at any point between the sender’s series termination resistor and one half inch or
less of conductor exiting the connector. If the test point is on a cable conductor rather than the PCB,
an adjacent ground conductor shall also be cut within one half inch of the connector.
The test load and test points should then be soldered directly to the exposed source side connectors.
The test loads consist of a 15 pF or a 40 pF, 5%, 0.08 inch by 0.05 inch surface mount or smaller size
capacitor from the test point to ground. Slew rates shall be met for both capacitor values.
Measurements shall be taken at the test point using a <1 pF, >100 Kohm, 1 Ghz or faster probe and
a 500 MHz or faster oscilloscope. The average rate shall be measured from 20% to 80% of the settled
VOH level with data transitions at least 120 nsec apart. The settled VOH level shall be measured as
the average output high level under the defined testing conditions from 100 nsec after 80% of a rising
edge until 20% of the subsequent falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com