Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GCF133 Datasheet(PDF) 41 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 41 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 37Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 38Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 39Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 40Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 41Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 42Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 43Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 44Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 45Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
41
True IDE Mode I/O Transfer Function
The CompactFlash Storage Card can be configured in a True IDE Mode of operation. The CompactFlash Storage
Card is configured in this mode only when the -OE input signal is grounded by the host during the power off to
power on cycle. Optionally, CompactFlash Storage Cards may support the following optional detection methods:
1. The card is permitted to monitor the –OE (-ATA SEL) signal at any time(s) and switch to PCMCIA mode upon
detecting a high level on the pin.
2. The card is permitted to re-arbitrate the interface mode determination following a transition of the (-)RESET pin.
3. The card is permitted to monitor the –OE (-ATA SEL) signal at any time(s) and switch to True IDE mode upon
detection of a continuous low level on pin for an extended period of time.
Table: True IDE Mode I/O Function defines the function of the operations for the True IDE Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com