Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GCF133 Datasheet(PDF) 42 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 42 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 38Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 39Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 40Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 41Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 42Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 43Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 44Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 45Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 46Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
42
Metaformat Overview
The goal of the Metaformat is to describe the requirements and capabilities of the CompactFlash Storage Card as
thoroughly as possible. This includes describing the power requirements, IO requirements, memory requirements,
manufacturer information and details about the services provided.
Table: Sample Device Info Tuple Information for Extended Speeds
Note: The value “1” defined for D3 of the N+0 words indicates that no write-protect switch controls writing the ATA
registers. The value “0” defined for D7 in the N+2 words indicates that there is not more than a single speed
extension byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com