Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GCF133 Datasheet(PDF) 61 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 61 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 57Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 58Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 59Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 60Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 61Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 62Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 63Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 64Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 65Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
61
Multiple Sector Setting
Bits 15-9 are reserved and shall be set to 0.
Bit 8 shall be set to 1 indicating that the Multiple Sector Setting is valid.
Bits 7-0 are the current setting for the number of sectors that shall be transferred per interrupt on
Read/Write Multiple commands.
Total Sectors Addressable in LBA Mode
This field contains the total number of user addressable sectors for the CompactFlash Storage Card in
LBA mode only.
Multiword DMA transfer
Bits 15 through 8 of word 63 of the Identify Device parameter information is defined as the Multiword DMA
mode selected field. If this field is supported, bit 1 of word 53 shall be set to one. This field is bit significant.
Only one of bits may be set to one in this field by the CompactFlash Storage Card to indicate the multiword
DMA mode which is currently selected. Of these bits, bits 15 through 11 are reserved. Bit 8, if set to one,
indicates that Multiword DMA mode 0 has been selected. Bit 9, if set to one, indicates that Multiword DMA
mode 1 has been selected. Bit 10, if set to one, indicates that Multiword DMA mode 2 has been selected.
Selection of Multiword DMA modes 3 and above are specific to CompactFlash are reported in word 163,
Word 163: CF Advanced True IDE Timing Mode Capabilities and Settings.
Bits 7 through 0 of word 63 of the Identify Device parameter information is defined as the Multiword DMA
data transfer supported field. If this field is supported, bit 1 of word 53 shall be set to one. This field is bit
significant. Any number of bits may be set to one in this field by the CompactFlash Storage Card to indicate
the Multiword DMA modes it is capable of supporting.
Of these bits, bits 7 through 2 are reserved. Bit 0, if set to one, indicates that the CompactFlash Storage
Card supports Multiword DMA mode 0. Bit 1, if set to one, indicates that the CompactFlash Storage Card
supports Multiword DMA modes 1 and 0. Bit 2, if set to one, indicates that the CompactFlash Storage Card
supports Multiword DMA modes 2, 1 and 0. Support for Multiword DMA modes 3 and above are specific to
CompactFlash are reported in word 163, Word 163: CF Advanced True IDE Timing Mode Capabilities and
Settings.
Word 64: Advanced PIO transfer modes supported
Bits 7 through 0 of word 64 of the Identify Device parameter information is defined as the advanced PIO
data transfer supported field. If this field is supported, bit 1 of word 53 shall be set to one. This field is bit
significant. Any number of bits may be set to one in this field by the CompactFlash Storage Card to indicate
the advanced PIO modes it is capable of supporting.
Of these bits, bits 7 through 2 are reserved. Bit 0, if set to one, indicates that the CompactFlash Storage
Card supports PIO mode 3. Bit 1, if set to one, indicates that the CompactFlash StorageCard supports PIO
mode 4.
Support for PIO modes 5 and above are specific to CompactFlash are reported in word 163.
Word 65: Minimum Multiword DMA transfer cycle time
Word 65 of the parameter information of the Identify Device command is defined as the minimum
Multiword DMA transfer cycle time. This field defines, in nanoseconds, the minimum cycle time that, if
used by the host, the CompactFlash Storage Card guarantees data integrity during the transfer.
If this field is supported, bit 1 of word 53 shall be set to one. The value in word 65 shall not be less than the
minimum cycle time for the fastest DMA mode supported by the device. This field shall be supported by all
CompactFlash Storage Cards supporting DMA modes 1 and above. If bit 1 of word 53 is set to one, but this
field is not supported, the Card shall return a value of zero in this field.
Recommended Multiword DMA transfer cycle time
Word 66 of the parameter information of the Identify Device command is defined as the recommended
Multiword DMA transfer cycle time. This field defines, in nanoseconds, the cycle time that, if used by the
host, may optimize the data transfer from by reducing the probability that the CompactFlash Storage Card
will need to negate the DMARQ signal during the transfer of a sector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com