Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GCF133 Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 1 Page - Transcend Information. Inc.

  TS2GCF133 Datasheet HTML 1Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 2Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 3Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 4Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 5Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 6Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 7Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 8Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 9Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
1
Description
The Transcend CF 133X is a High Speed Compact
Flash Card with high quality Flash Memory assembled
on a printed circuit board.
Placement
Features
• CompactFlash Specification Version 4.1 Complaint
• RoHS compliant products
• Single Power Supply: 3.3V±5% or 5V±10%
• Operating Temperature: -25
oC to 85oC
• Storage Temperature: -40
oC to 85oC
• Operation Modes:
PC Card Memory Mode
PC Card IO Mode
True IDE Mode
• True IDE Mode supports:
Ultra DMA Mode 0 to Mode 4
MultiWord DMA Mode 0 to Mode 4
PIO mode 0 to mode 6
• True IDE mode: Fixed Disk (Standard)
• PC Card Mode: Removable Disk (Standard)
• Durability of Connector: 10,000 times
• Support S.M.A.R.T (Self-defined)
• Support Security Command
• Support Wear-Leveling to extend product life
• Compliant to CompactFlash, PCMCIA, and ATA
standards
Dimensions


Similar Part No. - TS2GCF133

ManufacturerPart #DatasheetDescription
logo
Transcend Information. ...
TS2GCF100I TRANSCEND-TS2GCF100I Datasheet
3Mb / 80P
Industrial CF Card
TS2GCF100I TRANSCEND-TS2GCF100I Datasheet
3Mb / 80P
Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
TS2GCF100I-P TRANSCEND-TS2GCF100I-P Datasheet
3Mb / 80P
Transcend Industrial CF Card (TS123M~16GCF100I)
V1.2
More results

Similar Description - TS2GCF133

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST48CF008 SST-SST48CF008 Datasheet
572Kb / 60P
CompactFlash Card
logo
Toshiba Semiconductor
THNCF008MAA TOSHIBA-THNCF008MAA Datasheet
461Kb / 52P
CompactFlash Card
logo
Silicon Storage Technol...
SST55LC100M SST-SST55LC100M Datasheet
1Mb / 75P
CompactFlash Card Controller
logo
Transcend Information. ...
TS2GF300 TRANSCEND-TS2GF300 Datasheet
2Mb / 83P
300X CompactFlash Card
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
400X CompactFlash Card
TS128MCFI TRANSCEND-TS128MCFI Datasheet
2Mb / 84P
industrial CompactFlash Card
TS32MCF80 TRANSCEND-TS32MCF80 Datasheet
2Mb / 82P
80X CompactFlash Card
TS8GCF600 TRANSCEND-TS8GCF600 Datasheet
2Mb / 87P
600X CompactFlash Card
logo
Taiwan Memory Technolog...
I510X TMT-I510X Datasheet
361Kb / 16P
CompactFlash Memory Card
logo
Toshiba Semiconductor
THNCFXXXXDG TOSHIBA-THNCFXXXXDG Datasheet
322Kb / 44P
CompactFlash™ Card
2004-05-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com