Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GCF133 Datasheet(PDF) 71 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 71 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 67Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 68Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 69Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 70Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 71Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 72Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 73Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 74Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 75Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
71
Feature Supported
Features 01h and 81h are used to enable and clear 8 bit data transfer modes in True IDE Mode. If the 01h
feature command is issued all data transfers shall occur on the low order D[7:0] data bus and the -IOIS16 signal
shall not be asserted for data register accesses. The host shall not enable this feature for DMA transfers.
Features 02h and 82h allow the host to enable or disable write cache in CompactFlash Storage Cards that
implement write cache. When the subcommand disable write cache is issued, the CompactFlash Storage Card
shall initiate the sequence to flush cache to non-volatile memory before command completion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com