Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GCF133 Datasheet(PDF) 57 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 57 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 53Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 54Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 55Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 56Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 57Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 58Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 59Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 60Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 61Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
57
Identify Device – Ech
The Identify Device command enables the host to receive parameter information from the
CompactFlash Storage Card. This command has the same protocol as the Read Sector(s) command. The
parameter words in the buffer have the arrangement and meanings defined in Table as below. All reserved
bits or words are zero. Hosts should not depend on Obsolete words in Identify Device containing 0. Table 47
specifies each field in the data returned by the Identify Device Command. In Table as below, X indicates a
numeric nibble value specific to the card and aaaa indicates an ASCII string specific to the particular drive.
Word
Address
Default
Value
Total
Bytes
Data Field Type Information
848Ah
2
General configuration - signature for the CompactFlash 0 lash Storage Card
0
0XXX
2
General configuration – Bit Significant with ATA-4 definitions.
1
XXXXh
2
Default number of cylinders
2
0000h
2
Reserved
3
00XXh
2
Default number of heads
4
0000h
2
Obsolete
5
0000h
2
Obsolete
6
XXXXh
2
Default number of sectors per track
7-8
XXXXh
4
Number of sectors per card (Word 7 = MSW, Word 8 = LSW)
9
XXXXh
2
Obsolete
10-19
aaaa
20
Serial number in ASCII (Right Justified)
20
0000h
2
Obsolete
21
0000h
2
Obsolete
22
0004h
2
Number of ECC bytes passed on Read/Write Long Commands
23-26
aaaa
8
Firmware revision in ASCII. Big Endian Byte Order in Word
27-46
aaaa
40
Model number in ASCII (Left Justified) Big Endian Byte Order in Word
47
XXXXh
2
Maximum number of sectors on Read/Write Multiple command
48
0000h
2
Reserved
49
XX00h
2
Capabilities
50
0000h
2
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com