Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GCF133 Datasheet(PDF) 52 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 52 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 48Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 49Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 50Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 51Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 52Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 53Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 54Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 55Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 56Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
52
CF-ATA Command Set
CF-ATA Command Set summarizes the CF-ATA command set with the paragraphs that follow describing the
individual commands and the task file for each.
Command
Code
FR
SC
SN
CY
DH
LBA
Status
Note
1
Check Power Mode
E5 or 98h
–
–
–
–
Y
–
Support
2
Execute Drive Diagnostic
90h
–
–
–
–
Y
–
Support
3
Erase Sector
C0h
–
Y
Y
Y
Y
Y
Support
4
Flush Cache
E7h
–
–
–
–
Y
–
NOT Support
#3
5
Format Track
50h
–
Y
–
Y
Y
Y
Support
6
Identify Device
ECh
–
–
–
–
Y
–
Support
7
Idle
E3h or 97h
–
Y
–
–
Y
–
Support
8
Idle Immediate
E1h or 95h
–
–
–
–
Y
–
Support
9
Initialize Drive Parameters
91h
–
Y
–
–
Y
–
Support
10
Key Management
Structure Read
B9 (Feature
0-127)
Y
Y
Y
Y
Y
–
NOT Support
#1
11
Key Management Read
Keying Material
B9 (Feature
80)
Y
Y
Y
Y
Y
–
NOT Support
#1
12
Key Management Change
Key Management Value
B9 (Feature
81)
Y
Y
Y
Y
Y
–
NOT Support
#1
13
NOP
00h
–
–
–
–
Y
–
NOT Support
14
Read Buffer
E4h
–
–
–
–
Y
–
Support
15
Read DMA
C8h
–
Y
Y
Y
Y
Y
Support
16
Read Long Sector
22h or 23h
–
Y
Y
Y
Y
NOT Support
#3
17
Read Multiple
C4h
–
Y
Y
Y
Y
Y
Support
18
Read Sector(s)
20h or 21h
–
Y
Y
Y
Y
Y
Support
19
Read Verify Sector(s)
40h or 41h
–
Y
Y
Y
Y
Y
Support
20
Recalibrate
1Xh
–
–
–
–
Y
–
Support
21
Request Sense
03h
–
–
–
–
Y
–
Support
22
Security Disable Password
F6h
–
–
–
–
Y
–
Support
#2
23
Security Erase Prepare
F3h
–
–
–
–
Y
–
Support
#2
24
Security Erase Unit
F4h
–
–
–
–
Y
–
Support
#2
25
Security Freeze Lock
F5h
–
–
–
–
Y
–
Support
#2
26
Security Set Password
F1h
–
–
–
–
Y
–
Support
#2
27
Security Unlock
F2h
–
–
–
–
Y
–
Support
#2
28
Seek
7Xh
–
–
Y
Y
Y
Y
Support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com