Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GCF133 Datasheet(PDF) 53 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 53 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 49Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 50Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 51Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 52Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 53Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 54Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 55Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 56Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 57Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
53
29
Set Feature
EFh
Y
–
–
–
Y
–
Support
30
Set Multiple Mode
C6h
–
Y
–
–
Y
–
Support
31
Set Sleep Mode
E6h or 99h
–
–
–
–
Y
–
Support
32
Standby
E2 or 96h
–
–
–
–
Y
–
Support
33
Standby Immediate
E0 or 94h
–
–
–
–
Y
–
Support
34
Translate Sector
87h
–
Y
Y
Y
Y
Y
Support
35
Wear Level
F5h
–
–
–
–
Y
–
Support
36
Write Buffer
E8h
–
–
–
–
Y
–
Support
37
Write DMA
CAh
–
Y
Y
Y
Y
Y
Support
38
Write Long Sector
32h or 33h
–
–
Y
Y
Y
Y
Not Support
#3
39
Write Multiple
C5h
–
Y
Y
Y
Y
Y
Support
40
Write Multiple w/o Erase
CDh
–
Y
Y
Y
Y
Y
Support
41
Write Sector(s)
30h or 31h
–
Y
Y
Y
Y
Y
Support
42
Write Sector(s) w/o Erase
38h
–
Y
Y
Y
Y
Y
Support
43
Write Verify
3Ch
–
Y
Y
Y
Y
Y
Support
#1: This command is optional, depending on the key Management scheme in use.
#2: Use of this command is not recommended by CFA
#3: Use of this command is not recommended.
#4: When the controller gets this command, it will skip this command and return 0x50.
Definitions
FR = Features Register
SC =Sector Count register (00H to FFH, 00H means 256 sectors)
SN = Sector Number register
CY = Cylinder Low/High register
DH = Head No. (0 to 15) of Drive/Head register
LBA = Logic Block Address Mode Support
– = Not used for the command
Y = Used for the command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com