Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2GCF133 Datasheet(PDF) 56 Page - Transcend Information. Inc.

Part # TS2GCF133
Description  133X CompactFlash Card
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

TS2GCF133 Datasheet(HTML) 56 Page - Transcend Information. Inc.

Back Button TS2GCF133 Datasheet HTML 52Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 53Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 54Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 55Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 56Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 57Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 58Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 59Page - Transcend Information. Inc. TS2GCF133 Datasheet HTML 60Page - Transcend Information. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
T
T
TS
S
S1
1
1G
G
G~
~
~3
3
32
2
2G
G
GC
C
CF
F
F1
1
13
3
33
3
3
133X CompactFlash Card
Transcend Information Inc.
56
Flush Cache – E7h
This command causes the card to complete writing data from its cache. The card returns status with RDY=1 and
DSC=1 after the data in the write cache buffer is written to the media. If the Compact Flash Storage Card does not
support the Flush Cache command, the Compact Flash Storage Card shall return command aborted.
Format Track - 50h
This command writes the desired head and cylinder of the selected drive with a vendor unique data pattern
(typically FFh or 00h). To remain host backward compatible, the CompactFlash Storage Card expects a sector
buffer of data from the host to follow the command with the same protocol as the Write Sector(s) command
although the information in the buffer is not used by the CompactFlash Storage Card. If LBA=1 then the number of
sectors to format is taken from the Sec Cnt register (0=256). The use of this command is not recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com