Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6782G Datasheet(PDF) 17 Page - Silicon Standard Corp.

Part # SS6782G
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782G Datasheet(HTML) 17 Page - Silicon Standard Corp.

Back Button SS6782G Datasheet HTML 11Page - Silicon Standard Corp. SS6782G Datasheet HTML 12Page - Silicon Standard Corp. SS6782G Datasheet HTML 13Page - Silicon Standard Corp. SS6782G Datasheet HTML 14Page - Silicon Standard Corp. SS6782G Datasheet HTML 15Page - Silicon Standard Corp. SS6782G Datasheet HTML 16Page - Silicon Standard Corp. SS6782G Datasheet HTML 17Page - Silicon Standard Corp. SS6782G Datasheet HTML 18Page - Silicon Standard Corp. SS6782G Datasheet HTML 19Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
www.SiliconStandard.com
17 of 19
SS6782G
9/21/2005 Rev.3.01
TIMING DIAGRAM
0V
SAFETY TIMER TEST
∆T/∆t TEST
PEAK TIMER TEST
Power
ON
Init.
GND
GND
GND
Floating
VCC
Floating
Floating
Floating
4V
(-0.15%)
(-0.15%)
(-2.5%)
4V
ON
OFF
4V
2mV
Step/100mS
2mV
Step/100mS
2V
1.993V
(-0.35%)
2V
2V
ON
1.96V
2V
4V
2V
1.9V
1.997V
1.997V
1.997V
1.5V
(-2.15%)
1.85V
5V
1.12V
ON
ON
OFF
3.2KHz
ON
OFF
ON
OFF
OFF
OFF
OFF
ON
VCC, SEL3, MODE=5V, (DSW FREQ.=820KHz, 25 TIMES of 32.8K)
-
∆V DISABLE TEST
-
∆V TEST
1.32
9
0.4
8
0.12
4
0.74
0.12
2
0.02
10
0.32
5
0.32
0.97
0.32
0.26
3
0.24
0.1
0.5
7
0.12
6
5.89
5.99
6.01
4.57
4.17
3.93
3.43
2.46
2.14
1.26
12.02
1.17
1.38
0.26
0.14
0.14
1
Floating
GND
Floating
Floating
OFF
ON
<2.1V
<2.1V
2V
2V
0.4
16
Delay 0.3
14
0.74
0.12
12
0.26
13
0.24
0.5
15
8.91
8.51
8.27
7.77
7.47
7.21
(A):ICOA
(B):ICOB
(A):ABV
(B):BBV
ADJ
(A):LEA2
(B):LEB2
(A):LEA1
(B):LEB1
(A):ATS
(B):BTS
TIME (A)
(SEC.)
STAGE
SEL1
SEL2
TIME (B)
(SEC.)
STAGE
0
6.11
6.37
6.25
0.14
11
2V
0.1
6.01
3V
0.1
Fig. 17 Timing Diagram of SS6782G in Test Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com