Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6782G Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6782G
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782G Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6782G Datasheet HTML 1Page - Silicon Standard Corp. SS6782G Datasheet HTML 2Page - Silicon Standard Corp. SS6782G Datasheet HTML 3Page - Silicon Standard Corp. SS6782G Datasheet HTML 4Page - Silicon Standard Corp. SS6782G Datasheet HTML 5Page - Silicon Standard Corp. SS6782G Datasheet HTML 6Page - Silicon Standard Corp. SS6782G Datasheet HTML 7Page - Silicon Standard Corp. SS6782G Datasheet HTML 8Page - Silicon Standard Corp. SS6782G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
www.SiliconStandard.com
5 of 19
SS6782G
9/21/2005 Rev.3.01
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Output Impedance of
DIS p
in
ZDIS
140
250
Ω
LEA1, LEA2, LEB1,
LEB2, ICOA, ICOB pins
ON
25
50
Ω
Output Impedance
OFF
1
M
Ω
SEL3 pin
ISEL3
5.5
µA
Source Current
Capability
DSW pin
IDSW
16
µA
MODE, SEL1, SEL2
pins
300
k
Ω
Input Impedance
ABV, BBV, ATS, BTS,
ADJ pins
1
M
Ω
Recommended External
Resistor on TMR pin
RTMR
2
100
1000
k
Ω
−∆V detection level
relative to p
eak value
-0.25
%
Note 1: Specifications are production-tested at TA=25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com