Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6782G Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6782G
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782G Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6782G Datasheet HTML 1Page - Silicon Standard Corp. SS6782G Datasheet HTML 2Page - Silicon Standard Corp. SS6782G Datasheet HTML 3Page - Silicon Standard Corp. SS6782G Datasheet HTML 4Page - Silicon Standard Corp. SS6782G Datasheet HTML 5Page - Silicon Standard Corp. SS6782G Datasheet HTML 6Page - Silicon Standard Corp. SS6782G Datasheet HTML 7Page - Silicon Standard Corp. SS6782G Datasheet HTML 8Page - Silicon Standard Corp. SS6782G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
www.SiliconStandard.com
3 of 19
SS6782G
9/21/2005 Rev.3.01
ORDERING INFORMATION
PIN CONFIGURATION
Packing options
TR: tape and reel (not for PDIP)
TB: tube (only option for PDIP)
Package type
G
N: RoHS-compliant PDIP-20
G
S: RoHS-compliant SO-20
PIN CONFIGURATION
1
3
2
16
14
15
5
7
6
10
12
11
4
8
13
9
ABV
BBV
DIS
BTS
VCC
ADJ
SEL3
SEL1
SEL2
LEB1
GND
TMR
DSW
ICOB
LEB2
17
20
19
18
MODE
ICOA
LEA2
ATS
LEA1
TOP VIEW
SS67
82GXXX
Example: SS6782GSTR
in RoHS-compliant SO-20, shipped
on tape and reel
ABSOLUTE MAXIMUM RATINGS
Supply voltage
5.5V
DC voltage applied on any pin
5.5V
Sink current of ICOA pin, LEA1 and LEA2 pins
20mA
Sink current of ICOB pin, LEB1 and LEB2 pins
20mA
Operating temperature range
-40°C ~ +85°C
Maximum junction temperature
125°C
Storage temperature range
-65°C~ 150°C
Lead temperature (soldering 10 sec.) ………………………………………………… 260°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com