Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6782G Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6782G
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782G Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6782G Datasheet HTML 1Page - Silicon Standard Corp. SS6782G Datasheet HTML 2Page - Silicon Standard Corp. SS6782G Datasheet HTML 3Page - Silicon Standard Corp. SS6782G Datasheet HTML 4Page - Silicon Standard Corp. SS6782G Datasheet HTML 5Page - Silicon Standard Corp. SS6782G Datasheet HTML 6Page - Silicon Standard Corp. SS6782G Datasheet HTML 7Page - Silicon Standard Corp. SS6782G Datasheet HTML 8Page - Silicon Standard Corp. SS6782G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.SiliconStandard.com
2 of 19
SS6782G
9/21/2005 Rev.3.01
The safety timer period, the mode of battery
temperature protection, battery voltage protection
range, the pulsed trickle charge duty cycle, and the
LED dis
play mode are all adjustable or selectable.
A dis
charge-before-charge function is included to
reduce the m
emory effect of NiCd batteries without
the
risk of overdischarging. A test mode is provided
for
charger manufacturers to dramatically reduce the
production test time.
TYPICAL APPLICATION CIRCUIT
B2
R35
1
3
2
Q1
D468
R5
20/5W
R32
680
LED5
1M
R36
+
C1
4.7
µF
R1
R3
100K
R2
C2
0.1
µF
+
C3
4.7
µF
R6
R8 100K
R7
C4
0.1
µF
1.5K
R37
3.9K
R4
390
D8
1N4148
2.2
µF
C12
Q7
D468
VCC 5V
LED2
LED3
LED4
LED1
B1
D5
1N5820
D4
1N5820
D3
1N4148
D2
1N4148
Q3
3904
Q5
3904
D7
1N4148
D6
1N4148
D1
1N5821
L1
200
µH
+
C9
100
µF
+
C6
100
µF
+
C11
220
µF
Q4
A1012
Q2
A1012
Q6
A1012
R28
4.7K
R27
4.7K
R20
680
R19
680
R18
680
R17
680
R14
100K
R13
R34
1K
R25
470
R22
470
RS
0.1/2W
R29
150
R16
A
R15
R11
B
R12
R10
R24
2.7K
R21
2.7K
R33
47K
R26
330
R23
330
R30
220
C8
0.1
µF
C5
0.1
µF
C7
0.1
µF
C10
1nF
SS6
782G
SEL1
MODE
ICOA
LEA2
LEA1
ATS
TMR
SEL3
ADJ
VCC
SEL2
GND
BTS
DIS
LEB1
LEB2
ICOB
BBV
DSW
ABV
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
VCC(5V)
VCC(5V)
VCC(5V)
VCC(5V)
VCC(5V)
VIN
VIN
SS6
563G
FB
VCC
IS
BOOST
GND
CF
DE
DC
SW1
+
78L05
Battery charger for Dual NiMH and NiCd Batteries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com