Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6782G Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6782G
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782G Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6782G Datasheet HTML 1Page - Silicon Standard Corp. SS6782G Datasheet HTML 2Page - Silicon Standard Corp. SS6782G Datasheet HTML 3Page - Silicon Standard Corp. SS6782G Datasheet HTML 4Page - Silicon Standard Corp. SS6782G Datasheet HTML 5Page - Silicon Standard Corp. SS6782G Datasheet HTML 6Page - Silicon Standard Corp. SS6782G Datasheet HTML 7Page - Silicon Standard Corp. SS6782G Datasheet HTML 8Page - Silicon Standard Corp. SS6782G Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.SiliconStandard.com
1 of 19
SS6782G
9/21/2005 Rev.3.01
Charge Controller for Dual Batteries
FEATURES
DESCRIPTION
Quick and easy testing for production.
The SS6782G fast-charge controller is designed
for intelligent sequential charging of dual NiMH
and NiCd batteries without the risk of malfunction.
After powering on, the SS6782G charging sequence
gives priority to battery pack A, represented by
input signals at the ATS and ABV pins, over
battery pack B, represented by BTS and BBV
pin signals. The SS6782G automatically switches
to charging the standby battery pack after the
battery pack being charged finishes charging or
encounters a fault condition.
-
∆V (-0.25%) detection, 0∆V (peak voltage timer)
detection, and
∆T∆t detection are the primary
methods employed by the SS6782G to terminate
fast charge. The fast charge can also be cut off
by maximum battery voltage and maximum
battery temperature detection along with the
safety timer to prevent charging under fault
conditions of the charging system or the battery
itself
.
Sequential charging control of two
NiMH/NiCd Battery Packs.
Reliable sequential fast charge control of dual
NiMH and/or NiCd Battery Packs, even
with a fluctuating charging current.
Fast charge termination by:
∆T∆t, -∆V, 0∆V,
safety timer, maximum temperature,
or maximum voltage.
Linearly adjustable safety timer and
∆T∆t
detection slope line.
Selectable battery voltage protection range.
Selectable battery temperature protection mode.
Protection against battery voltage and battery
temperature faults.
Selectable LED display mode for battery status.
Five pulsed trickle charge modes.
Discharge-before-charge function available to
eliminate memory effect.
Choice of 20-pin DIP or 20-pin SOP packages.
APPLICATIONS
Dual-Battery Fast Chargers for:
Mobile Phones.
Both
∆T∆t and -∆V detection methods have been
proved powerful in terminating fast charging for
NiMH and NiCd batteries. The SS6782G utilizes
the combination of these two methods to make
a reliable decision for ending fast charge and to
avoid issues caused by using -
∆V detection
alone under certain conditions. Fig. 1 shows an
example of a charging curve of a battery charged by
a fluctuating current from a NiMH battery charger
which uses the SS6782G controller IC to achieve
optimal charging. The
∆T∆t or -∆V detection cir-
cuitry may be disabled independently for different
applications, such as system-integrated chargers,
chargers with varying charge current, or battery
packs lacking a temperature-sensing thermistor.
Notebook and Laptop Personal Computers.
Portable Power Tools and Toys.
Portable Communication Equipments.
Portable Video & Stereo Equipments.
0
10
20
30
40
50
60
1.15
1.25
1.35
1.45
1.55
100
80
60
40
20
Char ge C ur r ent = 600m A
Cel l C apac i t y = 550m A
N i M H B a tte r y
C e ll V o lt a g e
C h ar g e T i m e
( m i n .)
T em per at ure
Fig. 1
Battery charging characteristics from an
SS6782G-controlled charger with a
fluctuating charging current.


Similar Part No. - SS6782G

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
Battery Charger Controller
SS6781ACNTB SSC-SS6781ACNTB Datasheet
844Kb / 18P
Battery Charger Controller
SS6781ACNTR SSC-SS6781ACNTR Datasheet
844Kb / 18P
Battery Charger Controller
SS6781ACSTB SSC-SS6781ACSTB Datasheet
844Kb / 18P
Battery Charger Controller
SS6781ACSTR SSC-SS6781ACSTR Datasheet
844Kb / 18P
Battery Charger Controller
More results

Similar Description - SS6782G

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
Fast Charge Controller for NiCd/NiMH Batteries
logo
List of Unclassifed Man...
ICS1702 ETC-ICS1702 Datasheet
466Kb / 28P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
TEMIC Semiconductors
U2405B TEMIC-U2405B Datasheet
312Kb / 17P
Fast Charge Controller for Drained NiCd/NiMH Batteries
logo
Galaxy Power, Inc.
ICS1722 GALAXY-ICS1722 Datasheet
207Kb / 24P
QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1712 GALAXY-ICS1712 Datasheet
635Kb / 28P
Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Mitsubishi Electric Sem...
M62253AGP MITSUBISHI-M62253AGP Datasheet
200Kb / 10P
Charge Control IC for Li-Ion Batteries
logo
Renesas Technology Corp
M62253AGP RENESAS-M62253AGP Datasheet
4Mb / 11P
Charge Control IC for Li-Ion Batteries
logo
Texas Instruments
BQ24450 TI-BQ24450 Datasheet
867Kb / 20P
INTEGRATED CHARGE CONTROLLER FOR LEAD-ACID BATTERIES
BP24450 TI1-BP24450 Datasheet
891Kb / 22P
INTEGRATED CHARGE CONTROLLER FOR LEAD-ACID BATTERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com