Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6782G Datasheet(PDF) 12 Page - Silicon Standard Corp.

Part # SS6782G
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782G Datasheet(HTML) 12 Page - Silicon Standard Corp.

Back Button SS6782G Datasheet HTML 8Page - Silicon Standard Corp. SS6782G Datasheet HTML 9Page - Silicon Standard Corp. SS6782G Datasheet HTML 10Page - Silicon Standard Corp. SS6782G Datasheet HTML 11Page - Silicon Standard Corp. SS6782G Datasheet HTML 12Page - Silicon Standard Corp. SS6782G Datasheet HTML 13Page - Silicon Standard Corp. SS6782G Datasheet HTML 14Page - Silicon Standard Corp. SS6782G Datasheet HTML 15Page - Silicon Standard Corp. SS6782G Datasheet HTML 16Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
www.SiliconStandard.com
12 of 19
SS6782G
9/21/2005 Rev.3.01
TABLE 1
(d) 0.3V> SEL3
Acceptable ABV/BBV Range:
BATTERY
CELLS
RA/RB
RA k
Ω
RB k
Ω
2~4
2
240
120
3~6
3.3
300
91
4~8
4.9
300
62
5~10
6.4
300
47
6~12
7.8
310
39
8~16
10.8
390
36
Before initial timer: 0.16V~2 V
After initial timer:1.2V~2V
Temperature Protection Mode:
If temperature is too high, battery charging
is regarded as complete. If temperature is
too low, the
∆ t/∆ t detection function is
disabled, just as if the thermistor did not exist.
For SEL3 < ((VCC/2) -0.4V), the suggested divider
resistances of RA and RB for the corresponding
number of battery cells are shown below:
Battery Voltage Measurement
The SS6782G measures the battery voltage
through ABV and BBV pins, which are connected
to the battery positive terminals through a resistor-
divider network, as shown in Fig. 14. The ac-
ceptable limit of divided battery voltage is de-
termined by the input voltage of SEL3 pin.
TABLE 2
BATTERY
CELLS
RA/RB
RA (k
Ω ) RB (kΩ )
2
1
240
240
3
2
240
120
4
3
240
80
5
4
300
75
6
5
300
60
8
7
360
51
10
9
360
40
12
11
390
36
16
15
410
27
VBAT
RA
RB
C5
R6
100K
C6
SS6782G
ABV/BBV
+
Fig. 14 Battery Voltage Divider
Battery Temperature Measurement
For SEL3 > ((VCC/2) + 0.4V), the suggested
di
vider resistances of RA and RB for the corre-
sponding number of battery cells are as below:
The SS6782G employs a negative temperature
coefficient (NTC) thermistor to measure the bat-
tery
’s temperature. The thermistor is inherently
nonlinear with respect to temperature. To re-
duce the effect of nonlinearity, a resistor-divider
network in parallel with the thermistor is rec-
ommended. A typical application circuit is
shown in Fig. 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com