Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6782G Datasheet(PDF) 9 Page - Silicon Standard Corp.

Part # SS6782G
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782G Datasheet(HTML) 9 Page - Silicon Standard Corp.

Back Button SS6782G Datasheet HTML 5Page - Silicon Standard Corp. SS6782G Datasheet HTML 6Page - Silicon Standard Corp. SS6782G Datasheet HTML 7Page - Silicon Standard Corp. SS6782G Datasheet HTML 8Page - Silicon Standard Corp. SS6782G Datasheet HTML 9Page - Silicon Standard Corp. SS6782G Datasheet HTML 10Page - Silicon Standard Corp. SS6782G Datasheet HTML 11Page - Silicon Standard Corp. SS6782G Datasheet HTML 12Page - Silicon Standard Corp. SS6782G Datasheet HTML 13Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
www.SiliconStandard.com
9 of 19
SS6782G
9/21/2005 Rev.3.01
PIN 14: SEL2
- Tri-level inputs, which jointly
control the LED display mode
and the duty of trickle charge
after the completion of fast
charge.
PIN 9: ATS
- The battery cell temperature of
pack A is represented as a voltage
input to the SS6782G on this pin.
T
he acceptable voltage range of
the ATS pin is 0.29Vcc to 0.72Vcc.
PIN 15: SEL1
- The same as pin 14.
PIN 10: LEA1 - Open-draind outputs used to
indicate the charging status of
the battery pack A.
PIN 16: GND
- Power ground.
PIN 17: LEB1
- Open-drain outputs used to
indicate the charging status of
battery pack B
PIN 11: LEA2 - The same as pin 10.
PIN 12: ICOA - Open-drain output, used to
control the charging current of
the battery pack A.
PIN 18: LEB2
- The same as pin 17.
PIN 19: ICOB
- Open-drain output, used to
control the charging current of
the battery pack B.
PIN 13: MODE - Determines the operating mode
of
the SS6782G.
PIN 20: DSW
- Controls the function of
dis
charge-before-charge of the
battery pack B.
(See discharge-
before-charge
subsection in the application
information section).
APPLICATION INFORMATION
OPERATION
Power-on and Battery Pre-qualification
The SS6782G is a sequential charger, initiating
charging on either battery pack A or B.
When power is first applied to the SS6782G, all
internal digital circuits of the SS6782G are reset
by the internal power-on-reset circuitry, and the
out
put of LED‘s (depending on the setting of
SEL1
and SEL2 pins) flash 3 times to indicate the
ini
tiation of power-on. If both battery pack A and
B
are present when V CC is applied to the SS6782G,
the charging action begins with battery pack A
if
conditions are acceptable.
The c
ondition of battery pack A is examined
through the ATS and ABV pins, while battery
pack B is examined through the BTS and BBV
pins. The acceptable limits of ABV and BBV are
determined by the input voltage of SEL3 pin
and the acceptable temperature sense voltage
window for ATS and BTS of 0.29Vcc to 0.72Vcc.
The SS6782G controls initiation of the charging
action and checks for acceptable battery volt-
age and temperature prior to fast charging. If
the voltage of ABV or BBV does not fall within the
predetermined acceptable limits, the corre-
sponding battery pack enters a charging-
suspended mode. If the voltage of ATS or BTS
is outside the 0.29VCC to 0.72VCC window, the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com