Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6782G Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS6782G
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782G Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS6782G Datasheet HTML 9Page - Silicon Standard Corp. SS6782G Datasheet HTML 10Page - Silicon Standard Corp. SS6782G Datasheet HTML 11Page - Silicon Standard Corp. SS6782G Datasheet HTML 12Page - Silicon Standard Corp. SS6782G Datasheet HTML 13Page - Silicon Standard Corp. SS6782G Datasheet HTML 14Page - Silicon Standard Corp. SS6782G Datasheet HTML 15Page - Silicon Standard Corp. SS6782G Datasheet HTML 16Page - Silicon Standard Corp. SS6782G Datasheet HTML 17Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
www.SiliconStandard.com
13 of 19
SS6782G
9/21/2005 Rev.3.01
VBAT
Rx
C7
VCC
Ry
5
VCC
GND
16
ATS/BTS
SS6
782G
Fig. 15 Battery Temperature Sense Circuit
with a Negative Temperature-Coefficient
(NTC) Thermistor
The calculation for Rx and Ry in the circuit is as
follows:
0.29 Vcc
Ry / /R
Rx (Ry / / R
)
Vcc
TH
TH
=
+
×
RTH= The resistance of thermistor at upper limit
of temperature protection.
Vcc
)
R
(Ry//
Rx
Ry//R
Vcc
0.72
TL
TH
×
+
=
RTL= The resistance of thermistor at lower limit
of temperature protection.
Substitution and rearranging the equations yields
Rx= 2.061
TH
TL
TH
TL
R
R
R
R
−
×
×
Ry =
TH
TL
TH
TL
6.3R
R
R
R
5.3
−
×
×
If the temperature characteristic of the thermistor
is like that of the SEMITEC 103AT-2, the resis-
tance of Rx and Ry is tabulated below for
different values of
TL and TH:
(note: TL is the lower temperature limit and TH is
the
upper temperature limit.)
56
8.1
86.5
57
7.8
75.0
58
7.5
66.0
59
7.2
58.7
60
7.0
52.8
61
6.8
47.8
62
6.5
43.6
63
6.3
39.9
64
6.1
36.8
65
5.9
34.0
66
5.7
31.6
67
5.5
29.5
68
5.3
27.5
69
5.2
25.8
70
5.0
24.3
TABLE 3 Values of Rx and Ry at TL = 0°C
TH (
°C)
Rx(k
Ω)
Ry (k
Ω)
50
10.1
551.1
51
9.7
300.7
52
9.4
204.8
53
9.0
153.9
54
8.7
122.8
55
8.4
101.8
TABLE 4 Values of Rx and Ry at TL = -10°C
TH (
°C)
Rx (k
Ω)
Ry (k
Ω)
45
11.4
95.6
46
11.0
85.0
47
10.6
76.2
48
10.2
68.9
49
9.8
62.8
50
9.5
57.5
51
9.1
52.9
52
8.8
48.8
53
8.5
45.3
54
8.2
42.1
55
7.9
39.4
56
7.6
36.8
57
7.4
34.6
58
7.1
32.5
59
6.9
30.7
60
6.7
29.0
61
6.4
27.4
62
6.2
26.0
63
6.0
24.6
64
5.8
23.4
65
5.6
22.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com