Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6782G Datasheet(PDF) 15 Page - Silicon Standard Corp.

Part # SS6782G
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782G Datasheet(HTML) 15 Page - Silicon Standard Corp.

Back Button SS6782G Datasheet HTML 11Page - Silicon Standard Corp. SS6782G Datasheet HTML 12Page - Silicon Standard Corp. SS6782G Datasheet HTML 13Page - Silicon Standard Corp. SS6782G Datasheet HTML 14Page - Silicon Standard Corp. SS6782G Datasheet HTML 15Page - Silicon Standard Corp. SS6782G Datasheet HTML 16Page - Silicon Standard Corp. SS6782G Datasheet HTML 17Page - Silicon Standard Corp. SS6782G Datasheet HTML 18Page - Silicon Standard Corp. SS6782G Datasheet HTML 19Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
www.SiliconStandard.com
15 of 19
SS6782G
9/21/2005 Rev.3.01
for some of the commonly chosen safety timer
periods. Also shown in the table is their corre-
sponding oscillator frequencies.
0
100
200
300
400
500
0
200
400
600
800
Safety Timer (min.)
Fig. 16 Safety Timer vs RTMR
TABLE 7
RTMR
(k
Ω)
Osc.Freq.
(kHz)
Safety timer
(min.)
11
262.4
10
23
131.2
20
48
65.6
40
74
43.7
60
100
32.8
80
152
21.9
120
206
16.4
160
314
10.9
240
491
7.3
360
667
5.5
480
Selecting Mode of Operation
The SS6782G provides three modes of opera-
tion: normal, test, and AC mode, determined by
the setting of the MODE pin according to TABLE 8.
The SS6782G will operate normally when the
MODE pin is left floating (a 0.1
µF capacitor is
recommended to be tied to the MODE pin if the
charging circuit works in a noisy environment).
When the MODE pin is biased to GND, the
function of
−
detection is disabled. When
the MODE pin is biased to V
V
∆
CC, the SS6782G
enters the test mode. The test mode can be
used to significantly reduce production test time.
For relevant information, please contact SSC di-
rectly.
TABLE 8 The Operating Mode of SS6782G
MODE pin
Mode
Function
VCC
Test
Safety timer period
scaled down to 1/32....
etc.
Floating
Normal Normal operation
GND
AC
-
∆V detection disabled
The LED Display and Trickle Charge Modes
The SS6782G provides two LED display modes
and five pulsed trickle charge modes. The
modes of LED display and trickle charge are
determined by the tri-level inputs, SEL1 and
SEL2 pins, as in the TABLE 9.
TABLE
9 Mode of LED Display and Trickle
Charge
SEL1
SEL2
Trickle
Charge
Duty
LED
Display
Mode
VCC
VCC
Floating
GND
N/A
1/32
1/64
Type 1
Type 1
Type 1
Floating
VCC
Floating
GND
1/128
1/256
N/A
Type 1
Type 1
Type 2
GND
VCC
Floating
GND
1/32
1/64
1/128
Type 2
Type 2
Type 2
Displaying the Battery Charging Status
The SS6782G provides four open-drain outputs,
in which LEA1 and LEA2 are used to indicate the
battery charging status of pack A, and LEB1 and
LEB2 are used to indicate battery charging status
of pack B. Refering to the table of LED display modes
(TABLE 6), depending on the setting of SEL1
and SEL2 pins, the outputs of LEA1, LEA2, LEB1,
and LEB2 pins are shown in the following table:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com