Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6782G Datasheet(PDF) 10 Page - Silicon Standard Corp.

Part # SS6782G
Description  Charge Controller for Dual Batteries
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6782G Datasheet(HTML) 10 Page - Silicon Standard Corp.

Back Button SS6782G Datasheet HTML 6Page - Silicon Standard Corp. SS6782G Datasheet HTML 7Page - Silicon Standard Corp. SS6782G Datasheet HTML 8Page - Silicon Standard Corp. SS6782G Datasheet HTML 9Page - Silicon Standard Corp. SS6782G Datasheet HTML 10Page - Silicon Standard Corp. SS6782G Datasheet HTML 11Page - Silicon Standard Corp. SS6782G Datasheet HTML 12Page - Silicon Standard Corp. SS6782G Datasheet HTML 13Page - Silicon Standard Corp. SS6782G Datasheet HTML 14Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
www.SiliconStandard.com
10 of 19
SS6782G
9/21/2005 Rev.3.01
ac
tion to be taken is determined by the input
volt
age of SEL3 pin.
Discharge-Before-Charge
The SS6782G provides the function of discharge-
before-charge to precondition NiCd batteries,
which can suffer from a memory effect. This
function can only be activated for pack B after
the prequalification of battery voltage and tem-
perature, but before the charge completion is
registered for a fast charge cycle of pack B.
To trigger this function, DSW pin has to be bi-
ased to GND over 0.18 second. After discharge
begins, LEB1 and LEB2 pins are both OFF,
ICOB pin is ON, and DIS pin goes high to acti-
vate an external circuit to discharge the battery
pack B until the voltage of BBV pin fall below
0.9V (or 0.69V, depending on the input voltage
of SEL3 pin) or DSW pin is biased to GND for
over 0.18 second again. The application circuit
is included in the TYPICAL APPLICATION
CIRCUIT shown on page 2.
Fast Charge
After the battery passes fault checks, charging
begins on either of the batteries, and the other
bat
tery remains in a waiting state until the first
bat
tery terminates fast charging. The SS6782G
automatically switches to fast charge the second
battery. The battery pack A has the priority over
battery pack B only when power is first applied
to the SS6782G. When fast charging begins, the
initial and safety timer of the SS6782G start
counting. The -
∆V detection, peak voltage timer,
∆
detection, and maximum battery voltage
functions
are, however, disabled temporarily
until the initial timer period in the initial stage of
the
charging cycle elapses. The initial timer period
is equal to 1/80 of safety timer.
∆
T/ t
Since the low limit of acceptable ABV or BBV
voltages are only about 0.16V during the initial
timer period, even deeply discharged batteries
can easily qualify to be fast charged subse-
quently.
In the course of fast charge, the SS6782G con-
stantly monitors the battery voltage and tem-
perature through ABV (or BBV) and ATS (or
BTS) pins. The fast charge process is regis-
tered complete when any one of the following
situations is encountered, which are explained
below:
Negative delta voltage (-
∆V).
Peak voltage timer (0
).
V
∆
Delta temperature/ delta time (∆
∆
T / t ).
Maximum charge time.
Maximum battery voltage.
Maximum battery temperature.
-
∆V Cutoff
The SS6
782G makes a voltage sampling at ABV
(or BBV) pin every 4 seconds when the safety timer
period is set equal to 80 minutes. If a negative
delta voltage of 0.25% compared to its peak
value is detected at ABV (or BBV) pin, the fast
charge cycle is terminated.
0
∆V Cutoff
If the battery voltage stays at its peak value or
decreases very slowly for the duration deter-
mined by the peak voltage timer, which is in
turn equal to 3.7% of the safety timer, the fast
charging
action is terminated.
∆T/∆t Cutoff
The ∆
∆
T / t detection of the SS6782G is per-
formed by sensing the decrease of ATS (or
BTS) pin voltage in a specific timer interval dic-
tated by the safety timer. The fast charging
terminates when the decrease of ATS (or BTS)
pin voltage in 56 seconds exceeds the prede-
termined value set by ADJ pin input. This time
interval of 56 seconds is based on the assump-
tion that the voltage of ATS (or BTS) pin is sampled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com