Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV100RGP Datasheet(PDF) 11 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV100RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV100RGP Datasheet(HTML) 11 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV100RGP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
How to Order
1W
100R
F
BWW
D
BWW Precision Wirewound Resistors
Part Number: BWW
Rated Power (W)
Resistance Value (Ω)
Resistance Tolerance (%)
Code
Resistance Value (Ω)
OR1
0.1 Ω
100R
100Ω
1K
1000Ω
Code
Resistance Tolerance
B
±0.1%
C
±0.25%
D
±0.5%
F
±1%
G
±2%
Package
Code
Package
P
Bulk
Application Notes
Precision Wire-wound Resistors Application Notes:
● When being used in AC circuits, some wirewound structures give inductance ingredients or parasitic
capacity, so they may cause unusual phenomena such as oscillations etc. Quorum deviations of other com-
ponents should be carefully taken into account for use.
● Application and Placement: Wire wound resistors use different gauges of wire as resistance elements.
Sometimes the gauge is extremely thin (finer than a strand of human hair) and very susceptible to breakage
in environments containing salts, ash, dust and corrosives. Avoid utilization in such environments.
● Do not install in dusty areas because the accumulation will cause shorts and poor conductance.
P
TCR (PPM/°C)
Code
TCR
C
±25PPM/°C
D
±50PPM/°C
K
±150PPM/°C
Back to 1st Page - Precision Wirewound Resistors (BWW)
TOKEN
09 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com