Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV100RGP Datasheet(PDF) 50 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV100RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV100RGP Datasheet(HTML) 50 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV100RGP Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 47Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 48Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 49Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 50Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 51Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 52Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 53Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 54Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
Preview
Providing design engineers with an economical power resistor with high quality performance, Token Electronics
now offers commercial grade low power carbon film resistors.
Designated the CF series, the resistors are available in both standard CFN and miniature CFS sizes, the
conformally coated resistors offer high quality performance for applications that do not require surge protection
or precision tolerances.
The commercial grade carbon CF series is available in flame retardant packaging and have ideal specifications
for consumer electronic or electrical devices. The CF devices offer a wide resistance range for devices
with power ratings up to 3W in standard CFN size, and 5W in miniature CFS sizes, delivering high quality
performance for general purpose applications.
The CF series resistors are ideal for general use applications including electrical equipment, small appliances
and consumer electronics, such as televisions and other high-volume products. The CF series feature standard
tolerances is G (±2%) and J (±5%), with a resistance range from 0.5Ω to 22MΩ.
All CF series devices are RoHS-compliant, and compatible with high temperature soldering processes normally
employed for lead free solders. Also, CF resistors are available in various forming styles and different leads for
different applications. Contact us with your specific needs.
CF Carbon Film Resistors
Features
- Tolerances: G (±2%), J (±5%)
- Power wattages up to 5W at +25°C
- Lead (Pb)-free and RoHS compliant
- Operating temperature range: -55°C~+155°C
- Axial leaded type, high power at small sizes
Carbon Film Resistors are Cost-Effective Option
Carbon Film Resistors
Applications
- Consumer Electronic
- Telecommunications
- Household Appliances
- Automotive, Computer, Instrumentation
TOKEN
48 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com