Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV100RGP Datasheet(PDF) 39 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV100RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV100RGP Datasheet(HTML) 39 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV100RGP Datasheet HTML 35Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 36Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 37Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 38Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 39Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 43Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
RCR Anti-Surge Resistors
Specifications & Dimensions (Unit: mm)
L
D
Power Rating
Type
Power Rating
L
D
d ± 0.05
H
RCR25
1/4W
6.5±1
2.3±0.5
0.5 ~ 0.6
26±3
RCR50
1/2W
9.5±1
3.4±0.5
RCR100
1W
12.0±1
4.0±0.5
0.7 ~ 0.8
RCR200
2W
16.0±1
6.1±0.5
RCR300
3W
17.0±1
7.0±0.5
RCR500
5W
24.0±1
8.0±0.5
RCR1000
10W
max.50
max.10
Type
Power
Rating
Max Working
Voltage
Max Overload
Voltage
Dielectric
With-standing
Voltage
TCP.
(ppm/°C)
Resistance
Range E24.
J(±5%)(Ω)
Operating
Temp.range
RCR25
1/4W
500V
700V
500V
±350
1 ~ 33M
-20°C~+155°C
RCR50
1/2W
1000V
1500V
600V
±350
1 ~ 68M
RCR100
1W
1500V
2500V
800V
±350
1 ~ 100M
RCR200
2W
2000V
3000V
800V
±350
1 ~ 100M
RCR300
3W
2500V
4000V
1000V
±350
1 ~ 100M
RCR500
5W
3000V
5000V
1000V
±350
1 ~ 100M
Power Rating
10KΩ
DC
SOUCE
SW
0.01 µF
RX
Test Circuit
Power
Resistance Range (Ω)
Surge
Voltage
Anti-Surge
Characteristics
Surge Test
Condition
0.25 W
50K < R
3KV
(2.5 Sec. ON + 2.5 Sec. Off)
× 10 Cycles
ΔR ≤ ±(50%R+0.1Ω)
In accordance with
IEC65 Safety
specification.
0.5 W
10K ≤ R < 100K
3KV
100K ≤ R < 360K
5KV
360K ≤ R < 1M
7KV
1M ≤ R
10KV
TOKEN
37 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com