Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV100RGP Datasheet(PDF) 43 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV100RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV100RGP Datasheet(HTML) 43 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV100RGP Datasheet HTML 39Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 40Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 41Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 42Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 43Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 44Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 45Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 47Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
How to Order
1/2W
120R
K
CCR
P
CCR Carbon Composition Resistors
Back to 1st Page - Carbon Composition Resistors (CCR)
Part Number: CCR
Rated Power (W)
Resistance Value (Ω)
Resistance Tolerance (%)
Code
Resistance Tolerance
J
±5%
K
±10%
Package
Performance
Description
Performance Requirements
Test Method
Resistance
Temperature
Coefficient
Resistance
Range
Maximum Resistance
Value Change %
Test Temperature
+20°C /-40°C /+20°C /+100°C /+20°C
-40~+20°C +20~+100°C
<1KΩ
±6.5%
±5.0%
1.1KΩ ~10KΩ
±10%
±6.0%
11KΩ ~100KΩ ±13%
±7.5%
11KΩ ~1MΩ
±15%
±10%
1.1MΩ ~10MΩ ±20%
±15%
>11MΩ
±25%
±20%
Short-time Overload Δ R≤±2.5%
Rate Voltage*2.5 or maximun overload
voltage (the lower)5sec.
With Standing
Voltage
No flashover or breakdown
2times maxium working voltage 1 minute
Terminal
Strength
Pulled
ΔR≤±2% No visible damage
Load 10N 10s
Winded
Load 10N 4*90°
Twisted
3*360° in opposite direction
Resistance to
vibration
No visible damage
10~50Hz 3 direction 2 hours each
Solder-heat
Resistance
ΔR≤±5% Marks legible,no visible damage
350°C 4mm from the body,3 seconds
Solderability
At least 95% if the dipping surface must be
covered by new solder,no flaws gathered.
235°C 2mm from the body,2 seconds
Temperature Cycle
ΔR≤±2% No visible damage
-40°C(30min.)/85°C(30min.)5 cycles
Humidity
ΔR≤±10% No visible damage
40°C 95% RH 240 hours
Load Life
ΔR≤±10% No visible damage,marks legible Rated voltage or maximum working voltage,
1.5 hours on, 0.5 hours off, 40°C 1000 hours
Code
Resistance Value
2R2
2.2Ω
120R
120Ω
1M2
1.2MΩ
22M
22MΩ
Code
Package
P
Bulk
TOKEN
41 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com