Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV100RGP Datasheet(PDF) 27 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV100RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV100RGP Datasheet(HTML) 27 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV100RGP Datasheet HTML 23Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 25Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 26Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 27Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 28Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 29Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 30Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 31Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
How to Order
1/2W
0.47R
J
FRN
TB
FRN, FKN, FSQ Fusible Resistors
Back to 1st Page - Fusible Resistors (FRN, FKN, FSQ)
Part Number: FRN, FKN, FSQ
Rated Power (W)
Resistance Value (Ω)
Resistance Tolerance (%)
Code
Resistance Value
R47
0.47Ω
47R
47Ω
470R
470Ω
4K7
4.7KΩ
47K
47KΩ
Package
Code
Package
TB
Taping Box
P
Bulk
Code
Resistance Tolerance
J
±5%
FRN, FKN, FSQ - Application Notes
For fusible resistors, unlike fuses, fusing performance is given in terms of power rather than current.
The power can be calculated:
Power = Amperes 2 × Ohms
Fusing Device Application Notes
● When using, it shall be made sure that the overload conditions at unusual moments lie within the
fusing territory.
● Consult with Token in advance when overloaded higher than the rated voltage under an ordinary
situation since such an overload may store up damages on resistors.
● Use at the maximum open-circuit voltage or lower as an arc phenomenon may arise when high
voltage is applied again after fusing by an over current.
● Consult with us for the maximum open- circuit voltage because it varies with applications.
TOKEN
25 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com