Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV100RGP Datasheet(PDF) 51 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV100RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV100RGP Datasheet(HTML) 51 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV100RGP Datasheet HTML 47Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 48Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 49Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 50Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 51Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 52Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 53Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 54Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 55Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 60 page
background image
CF Carbon Film Resistors
Dimensions & Specifications (Unit: mm)
D
d
H
L
Lead
Wire
End
Cap
Resistive
Film
Coating
Marking
Trimming Line
Ceramic Core
Type
Dimension (mm)
Maximum
Working
Voltage
Maximum
Overload
Voltage
Resistance Tolerance
CFN
CFS
L
D
H
d±0.05
± 2%(G)
± 5%(J)
1/8 W
.
3.2±0.2
1.5±0.2
26±1
0.40~0.45
200
400
10Ω-470K 1Ω-4.7M
1/6 W
1/4 W
3.2±0.2
1.5±0.2
26±1
0.40~0.45
200
400
1Ω-10M
0.5Ω-22M
1/4 W
1/2 W
6.2±0.5
2.3±0.3
26±1
0.40~0.50
250
500
1Ω-10M
0.5Ω-22M
1/3 W
1/2 W
8.5±0.5
2.8±0.3
26±1
0.50~0.55
250
500
1Ω-10M
0.5Ω-22M
1/2 W
1 W
9.0±0.5
3.0±0.5
26±1
0.50~0.55
350
700
1Ω-10M
0.5Ω-22M
1 W
2 W
11±1.0
4.0±0.5
35±3
0.75~0.80
500
1000
1Ω-10M
0.5Ω-22M
2 W
3 W
15±1.0
5.0±0.5
35±3
0.75~0.80
500
1000
1Ω-10M
0.5Ω-22M
3 W
5 W
17±1.0
6.0±0.5
35±3
0.75~0.80
500
1000
1Ω-10M
0.5Ω-22M
Electrical Performance
Test Items
Condition
Spec
Operating Temp.range
-55°C ~ +155°C
Short Time Over Load
2.5 Times of rated voltage for 5sec.
± 1%
Load Life
70 °C on-off cycle 1,000hrs.
± 5%
Moisture-Proof Load Life
40 °C 95% RH on-off cycle 1,000hrs
± 5%
Soldering After Resistance
350 °C for 3sec.
± 0.5%
Temperature Cycle
-30 °C~85 °C 5cycles
± 2%
Resistance Temperature Coefficient
1Ω~22KΩ
22KΩ~510KΩ
510KΩ~1MΩ
1MΩ~2.2MΩ
2.2MΩ~5.1MΩ
± 300PPM / °C
± 450PPM / °C
± 800PPM / °C
± 1000PPM / °C
± 1400PPM / °C
TOKEN
49 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com