Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV100RGP Datasheet(PDF) 48 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV100RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV100RGP Datasheet(HTML) 48 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV100RGP Datasheet HTML 44Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 45Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 46Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 47Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 48Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 49Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 50Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 51Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 52Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
RSS, RSN Metal Oxide Resistors
Specifications & Dimensions (Unit: mm)
Electrical Performance
D
d
H
L
Lead
Wire
End
Cap
Resistive
Film
Coating
Marking
Trimming Line
Ceramic Core
Type
L
D
H
d ± 0.05
MAX Working Voltage
Dielectric Withstanding Voltage
RSS
RSN
RSS
RSN
RSS
RSN
1/2W 1/4W 6.0 ± 0.3 2.3 ± 0.3 26 ± 1 0.40~0.50
200V
300V
400V
500V
1W
1/2W 9.0 ± 0.5 3.0 ± 0.5 26 ± 1 0.50~0.55
250V
350V
500V
600V
2W
1W
11 ± 1.0
4.0 ± 0.5 26 ± 3 0.75~0.80
300V
350V
600V
700V
3W
2W
15 ± 1.0
5.0 ± 0.5 35 ± 3 0.75~0.80
350V
350V
700V
700V
5W
3W
17 ± 1.0
6.0 ± 0.5 35 ± 3 0.75~0.80
350V
500V
700V
1000V
6W
5W
24 ± 1.0
8.0 ± 0.5 38 ± 3 0.75~0.80
500V
700V
800V
1000V
7W
6W
24 ± 1.0
8.0 ± 0.5 38 ± 3 0.75~0.80
500V
700V
800V
1000V
10W
7W
41 ± 1.0
8.0 ± 0.5 38 ± 3 0.75~0.80
750V
850V
850V
1000V
10W
53 ± 1.0
8.0 ± 0.5 38 ± 3 0.75~0.80
750V
850V
850V
1000V
Requirements
Characteristics
Test Method
JIS C 5202
MIL-R-22684B
Operating Temp.Range
-55°C~200°C
Temp.Coefficient (ppm C)
± 300
5.2
4.6.11
Max.
Ressitance
Changes
Short Time Overload
± (1%+0.05Ω)
5.2A
4.6.5
Effect of Soldering
± (1%+0.05Ω)
6.4 350°C 2Sec
4.6.9
Temp.Cycling
± (1%+0.05Ω)
7.4-55°C / 85°C
4.6.3
Moisture Resistance
± 5%
7.9 1,000hr
4.6.10
Load Life
± 5%
7.10 1,000hr
4.6.12
Dielectric Withstanding Voltage
± (0.5%+0.05Ω)
5.7A
4.6.7
Non-Combustibility
The resistor shall withstand Overload test in accordance with Artice UL492.2 13
without producing a fire hazard.
Resistance to Solvents
No damage on the appearance,co.or bands.
TOKEN
46 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com