Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV100RGP Datasheet(PDF) 13 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV100RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV100RGP Datasheet(HTML) 13 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV100RGP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 14Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 15Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
KNP-R Power Wirewound Resistors
Technical Specifcations
Electrical Performance
100
80
60
40
20
0
75
125 175
325
275
225
25
375
Power Derating Curve
-55
V
U
d
38±3
L
38±3
D
Type
MIL
-
R-26E
Power Rating
(W)
Max. Work-
ing
Voltage (V)
Resistance Range (Ω)
Dimensions (mm)
U
V
U
V
0.1% 0.25% 0.5% 1% 2% 3% 5% L±0.81 D±0.81 d±0.1
KNP-R1/4
-
0.40
-
20
-
10~950
1~3.4K
6.35
1.98
0.51
KNP-R1/2 RW70 0.75
-
29
-
10~1.3K
1~4.9K
7.92
1.98
0.51
KNP-R1A
-
1.00
-
53
-
1~2.7K
0.1~10.4K
10.31
2.36
0.64
KNP-R1
RW69 1.10
-
62
-
1~4.0K
0.1~15K
13.49
2.36
0.64
KNP-R2A
-
2.50
3.25
138
157
1~8.6K
0.01~32.3K
12.70
5.33
0.81
KNP-R2
RW79 3.00
3.75
135
148
1~5K
0.01~2K
13.49
4.06
0.81
KNP-R3A
-
3.00
3.75
135
148
1~6.5K
0.01~34.5K
14.27
5.33
0.81
KNP-R3
-
3.25
4.75
185
220
1~11.4K
0.01~42.1K
20.62
5.33
1.02
KNP-R4
RW67 4.00
5.50
210
250
1~12.7K
0.01~47.1K
15.88
7.62
1.02
KNP-R5
RW74 5.00
6.50
330
376
0.5~24.5K
0.01~51K
22.22
7.62
1.02
KNP-R7
RW68 7.00
9.00
504
576
0.5~41.4K
0.01~75K
30.94
9.52
1.02
KNP-R10 RW78 10.00 13.00 799
911
0.5~71.3K
0.01~82K
45.21
9.52
1.02
Temperature Coefficient: 1 Ω and below ± 150 ppm/°C, 1 Ω to 9.9 Ω ± 100 ppm/°C, 10 Ω and above ± 100 ppm/°C,
(50 ppm/°C on request)
Test Items
Test Method
Specifications
Short Time Overload
2.5 times of rated voltage 5 sec.
ΔR±(2%+0.05Ω)
Rated Load
Rated wattage 30 minutes.
ΔR±(1%+0.05Ω)
Voltage Withstanding
500VAC 1 minute.
ΔR±(1%+0.05Ω)
Insulation Resistance
500V
20MΩ
Temp. Cycle
-20°C ~ 85°C 5 cycles
ΔR±(1%+0.05Ω)
Soldering After Resistance
235°C for 3 sec
ΔR±(0.5%+0.05Ω)
Incombustibility
16 times of rated wattage for 5 min. Not flamed
Load Life
+25°C, 1.5Hrs on ~ 0.5Hrs
off cycle, 1000 Hrs.
U: ΔR±(1%+0.05Ω)
V: ΔR±(3%+0.05Ω)
TOKEN
11 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com