Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV100RGP Datasheet(PDF) 20 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV100RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV100RGP Datasheet(HTML) 20 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV100RGP Datasheet HTML 16Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 17Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 23Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
How to Order
1W
10R
J
KNP-100
P
KNP Wirewound Resistors
Part Number: KNP
Rated Power (W)
Resistance Value (Ω)
Resistance Tolerance (%)
Code
Resistance Value
0R1
0.1Ω
1R
1RΩ
10R
10RΩ
100R
100RΩ
1K
1000Ω
Package
Code
Package
TB
Taping Box
P
Bulk
Code
Resistance Tolerance
F
±1%
G
±2%
J
±5%
Electrical Performance
0
20
40
60
80
100
-55
70
155
275
250
225
200
175
150
125
100
75
50
25
0
-25
-50
280
Ambient Temperature °C
TEST ITEMS
CONDITION
SPEC
Resistance Temp. Coeff.
-55 °C ~ 155 °C
± 300 PPM / °C
Resistance Temp. Coeff.
Room temperature/100 °C up
± 300 PPM / °C
Short Time Overload
10 times of rated wattage for 5 sec.
± 2 %
Rated Load
Rated wattage 30 min.
± 1 %
Voltage Withstanding
500VAC 1 min
± 1 %
Temperature Cycling
-20 °C ~ 85 °C 5 cycles
± 1 %
Load Life
70 °C on ~ off cycle 1000 hrs.
± 5 %
Moisture-Proof Load Life
40 °C 95% RH on ~ off cycle 500 hrs.
± 3 %
Incombustibility
16 times of rated wattage for 5 min
not flamed
Back to 1st Page - Wirewound Resistors (KNP)
TOKEN
18 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com