Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AV100RGP Datasheet(PDF) 22 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AV100RGP
Description  BWW Precision Wirewound Resistors
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AV100RGP Datasheet(HTML) 22 Page - Token Electronics Industry Co., Ltd.

Back Button KNP-R3AV100RGP Datasheet HTML 18Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 19Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 20Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 21Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 22Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 23Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 24Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 25Page - Token Electronics Industry Co., Ltd. KNP-R3AV100RGP Datasheet HTML 26Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
KNPN Non-inductive Resistors
General Specifications
L
D
Application Notes
Wire-wound Resistors Application Notes:
● When being used in AC circuits, some wirewound structures give inductance ingredients or parasitic
capacity, so they may cause unusual phenomena such as oscillations etc. Quorum deviations of other com-
ponents should be carefully taken into account for use.
● Application and Placement: Wire wound resistors use different gauges of wire as resistance elements.
Sometimes the gauge is extremely thin (finer than a strand of human hair) and very susceptible to breakage
in environments containing salts, ash, dust and corrosives. Avoid utilization in such environments.
● Do not install in dusty areas because the accumulation will cause shorts and poor conductance.
Type
Rated
Watts
Dimensions (mm)
Resistance
Range (Ω)
Tolerance
D ± 0.5
L ± 1
H ± 3
d ± 0.05
KNPN
KNPN-50
1/2W
4
9.0
26
0.50~0.55
0.1-10 Ω
± 1%
± 2%
± 5%
KNPN-100
1W
4
9.0
26
0.50~0.55
0.1-10 Ω
KNPN-100B
1W
4.5
11.5
26
0.75~0.80
0.1-10Ω
KNPN-200
2W
4.5
11.5
26
0.75~0.80
0.1-10 Ω
KNPN-200B
2W
5.5
15.5
35
0.75~0.80
0.1-20Ω
KNPN-300
3W
5.5
15.5
35
0.75~0.80
0.1-20 Ω
KNPN-400
4W
6.5
17.5
35
0.75~0.80
0.1-30 Ω
KNPN-500
5W
6.5
17.5
35
0.75~0.80
0.1-30 Ω
KNPN-500B
5W
8.5
24.5
38
0.75~0.80
0.1-50 Ω
KNPN-600
6W
8.5
24.5
38
0.75~0.80
0.1-50 Ω
TOKEN
20 of 58
Version 2010
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com