Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 126 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 126 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 122Page - Texas Instruments AM1808AZCED3 Datasheet HTML 123Page - Texas Instruments AM1808AZCED3 Datasheet HTML 124Page - Texas Instruments AM1808AZCED3 Datasheet HTML 125Page - Texas Instruments AM1808AZCED3 Datasheet HTML 126Page - Texas Instruments AM1808AZCED3 Datasheet HTML 127Page - Texas Instruments AM1808AZCED3 Datasheet HTML 128Page - Texas Instruments AM1808AZCED3 Datasheet HTML 129Page - Texas Instruments AM1808AZCED3 Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.14 Serial ATA Controller (SATA)
The Serial ATA Controller (SATA) provides a single HBA port operating in AHCI mode and is used to
interface to data storage devices at both 1.5 Gbits/second and 3.0 Gbits/second line speeds. AHCI
describes a system memory structure that contains a generic area for control and status, and a table of
entries describing a command list where each command list entry contains information necessary to
program an SATA device, and a pointer to a descriptor table for transferring data between system memory
and the device.
The SATA Controller supports the following features:
•
Serial ATA 1.5 Gbps (Gen 1i) and 3 Gbps (Gen 2i) line speeds
•
Support for the AHCI controller spec 1.1
•
Integrated SERDES PHY
•
Integrated Rx and Tx data buffers
•
Supports all SATA power management features
•
Internal DMA engine per port
•
Hardware-assisted native command queuing (NCQ) for up to 32 entries
•
32-bit addressing
•
Supports port multiplier with command-based switching
•
Activity LED support
•
Mechanical presence switch
•
Cold presence detect
126
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com