Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 129 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 129 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 125Page - Texas Instruments AM1808AZCED3 Datasheet HTML 126Page - Texas Instruments AM1808AZCED3 Datasheet HTML 127Page - Texas Instruments AM1808AZCED3 Datasheet HTML 128Page - Texas Instruments AM1808AZCED3 Datasheet HTML 129Page - Texas Instruments AM1808AZCED3 Datasheet HTML 130Page - Texas Instruments AM1808AZCED3 Datasheet HTML 131Page - Texas Instruments AM1808AZCED3 Datasheet HTML 132Page - Texas Instruments AM1808AZCED3 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-44. SATA PCB Stackup Specifications (continued)
PARAMETER
MIN
TYP
MAX
UNIT
Number of layers between SATA routing region and reference ground plane
0
PCB Routing Feature Size
4
Mils
PCB Trace Width w
4
Mils
PCB BGA escape via pad size
18
Mils
PCB BGA escape via hole size
8
Mils
Device BGA pad size (1)
(1)
Please refer to the Flip Chip Ball Grid Array Package Reference Guide (SPRU811) for device BGA pad size.
6.14.2.4 Routing Specifications
The SATA data signal traces are edge-coupled and must be routed to achieve exactly 100 Ohms
differential impedance. This is impacted by trace width, trace spacing, distance between planes, and
dielectric material. Verify with a proper PCB manufacturing tool that the trace geometry for both data
signal pairs results in exactly 100 ohms differential impedance traces. Table 6-45 shows the routing
specifications for the data and REFCLK signals .
Table 6-45. SATA Routing Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Device to SATA header trace length
7000
Mils
REFCLK trace length from oscillator to Device
2000
Mils
Number of stubs allowed on SATA traces
0
Stubs
TX/RX pair differential impedance
100
Ohms
Number of vias on each SATA trace
3
Vias (1)
2*DS
SATA differential pair to any other trace spacing
(2)
(1)
Vias must be used in pairs with their distance minimized.
(2)
DS is the differential spacing of the SATA traces.
6.14.2.5 Coupling Capacitors
AC coupling capacitors are required on the receive data pair as well as the REFCLK pair. Table 6-46
shows the requirements for these capacitors.
Table 6-46. SATA Bypass and Coupling Capacitors Requirements
PARAMETER
MIN
TYP
MAX
UNIT
SATA AC coupling capacitor value
0.3
10
12
µF
10 Mils (1)
SATA AC coupling capacitor package size
0603
(2)
(1)
LxW, 10 mil units, i.e., a 0402 is a 40x20 mil surface mount capacitor.
(2)
The physical size of the capacitor should be as small as possible.
6.14.2.6 SATA Interface Clock Source requirements
A high-quality, low-jitter differential clock source is required for the SATA PHY. The SATA interface
requires
a
LVDS
differential
clock
source
to
be
provided
at
signals
SATA_REFCLKP
and
SATA_REFCLKN. The clock source should be placed physically as close to the processor as possible.
Table 6-47 shows the requirements for the clock source.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
129
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com