Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 133 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 133 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 129Page - Texas Instruments AM1808AZCED3 Datasheet HTML 130Page - Texas Instruments AM1808AZCED3 Datasheet HTML 131Page - Texas Instruments AM1808AZCED3 Datasheet HTML 132Page - Texas Instruments AM1808AZCED3 Datasheet HTML 133Page - Texas Instruments AM1808AZCED3 Datasheet HTML 134Page - Texas Instruments AM1808AZCED3 Datasheet HTML 135Page - Texas Instruments AM1808AZCED3 Datasheet HTML 136Page - Texas Instruments AM1808AZCED3 Datasheet HTML 137Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 264 page
background image
AM1808
www.ti.com
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
Table 6-49. McASP Registers Accessed Through Peripheral Configuration Port (continued)
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01D0 0108
DITCSRA2
Left (even TDM time slot) channel status register (DIT mode) 2
0x01D0 010C
DITCSRA3
Left (even TDM time slot) channel status register (DIT mode) 3
0x01D0 0110
DITCSRA4
Left (even TDM time slot) channel status register (DIT mode) 4
0x01D0 0114
DITCSRA5
Left (even TDM time slot) channel status register (DIT mode) 5
0x01D0 0118
DITCSRB0
Right (odd TDM time slot) channel status register (DIT mode) 0
0x01D0 011C
DITCSRB1
Right (odd TDM time slot) channel status register (DIT mode) 1
0x01D0 0120
DITCSRB2
Right (odd TDM time slot) channel status register (DIT mode) 2
0x01D0 0124
DITCSRB3
Right (odd TDM time slot) channel status register (DIT mode) 3
0x01D0 0128
DITCSRB4
Right (odd TDM time slot) channel status register (DIT mode) 4
0x01D0 012C
DITCSRB5
Right (odd TDM time slot) channel status register (DIT mode) 5
0x01D0 0130
DITUDRA0
Left (even TDM time slot) channel user data register (DIT mode) 0
0x01D0 0134
DITUDRA1
Left (even TDM time slot) channel user data register (DIT mode) 1
0x01D0 0138
DITUDRA2
Left (even TDM time slot) channel user data register (DIT mode) 2
0x01D0 013C
DITUDRA3
Left (even TDM time slot) channel user data register (DIT mode) 3
0x01D0 0140
DITUDRA4
Left (even TDM time slot) channel user data register (DIT mode) 4
0x01D0 0144
DITUDRA5
Left (even TDM time slot) channel user data register (DIT mode) 5
0x01D0 0148
DITUDRB0
Right (odd TDM time slot) channel user data register (DIT mode) 0
0x01D0 014C
DITUDRB1
Right (odd TDM time slot) channel user data register (DIT mode) 1
0x01D0 0150
DITUDRB2
Right (odd TDM time slot) channel user data register (DIT mode) 2
0x01D0 0154
DITUDRB3
Right (odd TDM time slot) channel user data register (DIT mode) 3
0x01D0 0158
DITUDRB4
Right (odd TDM time slot) channel user data register (DIT mode) 4
0x01D0 015C
DITUDRB5
Right (odd TDM time slot) channel user data register (DIT mode) 5
0x01D0 0180
SRCTL0
Serializer control register 0
0x01D0 0184
SRCTL1
Serializer control register 1
0x01D0 0188
SRCTL2
Serializer control register 2
0x01D0 018C
SRCTL3
Serializer control register 3
0x01D0 0190
SRCTL4
Serializer control register 4
0x01D0 0194
SRCTL5
Serializer control register 5
0x01D0 0198
SRCTL6
Serializer control register 6
0x01D0 019C
SRCTL7
Serializer control register 7
0x01D0 01A0
SRCTL8
Serializer control register 8
0x01D0 01A4
SRCTL9
Serializer control register 9
0x01D0 01A8
SRCTL10
Serializer control register 10
0x01D0 01AC
SRCTL11
Serializer control register 11
0x01D0 01B0
SRCTL12
Serializer control register 12
0x01D0 01B4
SRCTL13
Serializer control register 13
0x01D0 01B8
SRCTL14
Serializer control register 14
0x01D0 01BC
SRCTL15
Serializer control register 15
0x01D0 0200
XBUF0(1)
Transmit buffer register for serializer 0
0x01D0 0204
XBUF1(1)
Transmit buffer register for serializer 1
0x01D0 0208
XBUF2(1)
Transmit buffer register for serializer 2
0x01D0 020C
XBUF3(1)
Transmit buffer register for serializer 3
0x01D0 0210
XBUF4(1)
Transmit buffer register for serializer 4
0x01D0 0214
XBUF5(1)
Transmit buffer register for serializer 5
0x01D0 0218
XBUF6(1)
Transmit buffer register for serializer 6
0x01D0 021C
XBUF7(1)
Transmit buffer register for serializer 7
(1)
Writes to XRBUF originate from peripheral configuration port only when XBUSEL = 1 in XFMT.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
133
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com