Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1808AZCED3 Datasheet(PDF) 132 Page - Texas Instruments

Part # AM1808AZCED3
Description  AM1808 ARM Microprocessor
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM1808AZCED3 Datasheet(HTML) 132 Page - Texas Instruments

Back Button AM1808AZCED3 Datasheet HTML 128Page - Texas Instruments AM1808AZCED3 Datasheet HTML 129Page - Texas Instruments AM1808AZCED3 Datasheet HTML 130Page - Texas Instruments AM1808AZCED3 Datasheet HTML 131Page - Texas Instruments AM1808AZCED3 Datasheet HTML 132Page - Texas Instruments AM1808AZCED3 Datasheet HTML 133Page - Texas Instruments AM1808AZCED3 Datasheet HTML 134Page - Texas Instruments AM1808AZCED3 Datasheet HTML 135Page - Texas Instruments AM1808AZCED3 Datasheet HTML 136Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 264 page
background image
AM1808
SPRS653A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
6.15.1 McASP Peripheral Registers Description(s)
Registers for the McASP are summarized in Table 6-49. The registers are accessed through the
peripheral configuration port. The receive buffer registers (RBUF) and transmit buffer registers (XBUF) can
also be accessed through the DMA port, as listed in Table 6-50
Registers for the McASP Audio FIFO (AFIFO) are summarized in Table 6-51. Note that the AFIFO Write
FIFO (WFIFO) and Read FIFO (RFIFO) have independent control and status registers. The AFIFO control
registers are accessed through the peripheral configuration port.
Table 6-49. McASP Registers Accessed Through Peripheral Configuration Port
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01D0 0000
REV
Revision identification register
0x01D0 0010
PFUNC
Pin function register
0x01D0 0014
PDIR
Pin direction register
0x01D0 0018
PDOUT
Pin data output register
0x01D0 001C
PDIN
Read returns: Pin data input register
0x01D0 001C
PDSET
Writes affect: Pin data set register (alternate write address: PDOUT)
0x01D0 0020
PDCLR
Pin data clear register (alternate write address: PDOUT)
0x01D0 0044
GBLCTL
Global control register
0x01D0 0048
AMUTE
Audio mute control register
0x01D0 004C
DLBCTL
Digital loopback control register
0x01D0 0050
DITCTL
DIT mode control register
0x01D0 0060
Receiver global control register: Alias of GBLCTL, only receive bits are
RGBLCTL
affected - allows receiver to be reset independently from transmitter
0x01D0 0064
RMASK
Receive format unit bit mask register
0x01D0 0068
RFMT
Receive bit stream format register
0x01D0 006C
AFSRCTL
Receive frame sync control register
0x01D0 0070
ACLKRCTL
Receive clock control register
0x01D0 0074
AHCLKRCTL
Receive high-frequency clock control register
0x01D0 0078
RTDM
Receive TDM time slot 0-31 register
0x01D0 007C
RINTCTL
Receiver interrupt control register
0x01D0 0080
RSTAT
Receiver status register
0x01D0 0084
RSLOT
Current receive TDM time slot register
0x01D0 0088
RCLKCHK
Receive clock check control register
0x01D0 008C
REVTCTL
Receiver DMA event control register
0x01D0 00A0
Transmitter global control register. Alias of GBLCTL, only transmit bits are
XGBLCTL
affected - allows transmitter to be reset independently from receiver
0x01D0 00A4
XMASK
Transmit format unit bit mask register
0x01D0 00A8
XFMT
Transmit bit stream format register
0x01D0 00AC
AFSXCTL
Transmit frame sync control register
0x01D0 00B0
ACLKXCTL
Transmit clock control register
0x01D0 00B4
AHCLKXCTL
Transmit high-frequency clock control register
0x01D0 00B8
XTDM
Transmit TDM time slot 0-31 register
0x01D0 00BC
XINTCTL
Transmitter interrupt control register
0x01D0 00C0
XSTAT
Transmitter status register
0x01D0 00C4
XSLOT
Current transmit TDM time slot register
0x01D0 00C8
XCLKCHK
Transmit clock check control register
0x01D0 00CC
XEVTCTL
Transmitter DMA event control register
0x01D0 0100
DITCSRA0
Left (even TDM time slot) channel status register (DIT mode) 0
0x01D0 0104
DITCSRA1
Left (even TDM time slot) channel status register (DIT mode) 1
132
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1808



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com